Electronic Components Datasheet Search
  English  ▼

X  

PS1102FA Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # PS1102FA
Description  Surface Mount Phototransistor/Right Angle Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PS1102FA Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  PS1102FA Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PS1102FA Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2
PS1102FA
Surface Mount Phototransistor/Right Angle Type
Absolute Maximum Ratings
Item
Symbol
Unit
Collector Dissipation
Pc
mW
Collector-Emitter Voltage
VCEO
V
Emitter-Collector Voltage
VECO
V
Collector Current
Ic
mA
Operating Temperature
Topr
℃
Storage Temperature
Tstg
℃
Electro-Optical Characteristics
Min.
1.4
mA
TYP.
7
mA
Response Time
tr/tf
TYP.
8/9
μs
Dark Current
ICEO
Max.
0.1
μA
Peak Sensitivity Wavelength
λp
TYP.
880
nm
50(θx)
100(θy)
※1 Color temperature is 2,856K. Employs a standard tungsten lamp.
Absolute Maximum Ratings
75
30
5
Ic
VCE=5V,
Ee=5mW/cm
2 ※ 1
Conditions
20
-30~+85
-40~+100
VCE=10V, Ic=2mA,
RL=100Ω
VCEO=10V
VCE=5V
Photo Current
Characteristics
Item
Unit
Symbol
deg.
Spatial Half Width
VCE=5V
⊿θ
TYP.
(Ta=25℃)
(Ta=25℃)
2005.9.29



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com