Electronic Components Datasheet Search
  English  ▼

X  

SMC5344B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMC5344B
Description  SURFACE MOUNT ZENER TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMC5344B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMC5344B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMC5344B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
thru
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
Dimensions in inches and (millimeters)
www.paceleader.tw
SURFACE MOUNT ZENER DIODES
WATTS
SMC5342B
SMC5378B
5.0
SMC/DO-214AB
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Pb free product are available : 99% Sn can meet RoHS environment
substance directive request
Case: JEDEC DO-214AB,Molded plastic over passivated junction.
Terminals: Solder plated,solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Standard Packaging:16mm tape (EIA-481)
Weight: 0.007 ounce, 0.21 gram
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
T
n
o
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
C
D
L
5
7
=
O
h
t
g
n
e
L
d
a
e
L
o
r
e
Z
t
a
e
r
u
s
a
e
M
,
C
5
7
e
v
o
b
a
e
t
a
r
e
D
OC
PD
0
.
5
7
6
s
t
t
a
W
/
W
m
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
TJ ,TSTG
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - SMC5344B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMC5344B WEITRON-SMC5344B Datasheet
64Kb / 2P
Surface Mount Zener Diodes
logo
Dc Components
SMC5344B DCCOM-SMC5344B Datasheet
50Kb / 2P
RECTIFIER SPECIALISTS
logo
Yangzhou yangjie electr...
SMC5344B YANGJIE-SMC5344B Datasheet
481Kb / 5P
Limiting Values (Absolute Maximum Rating, Ta=25??Unless otherwise specified)
logo
Anova Technologies CO.,...
SMC5344B ANOVA-SMC5344B Datasheet
252Kb / 4P
Surface Mount Zener Diodes
More results

Similar Description - SMC5344B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com