Electronic Components Datasheet Search
  English  ▼

X  

SW1142LT Datasheet(PDF) 18 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1142LT
Description  Right Angle Type White LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1142LT Datasheet(HTML) 18 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SW1142LT Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. SW1142LT Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Page 18
□W1142L□ Series
Right Angle Type White LED
2008.11.15
Reflow Soldering Conditions
1) The above profile temperature gives the maximum temperature of the LED resin surface.
Please set the temperature so as to avoid exceeding this range.
2) Total times of reflow soldering process shall be no more than 2 times.
When the second reflow soldering process is performed, intervals between the first
and second reflow should be short as possible (while allowing some time for the
component to return to normal temperature after the first reflow) in order to prevent the
LED from absorbing moisture.
Manual Soldering Conditions
Iron tip temp.
Soldering time and frequency
3 s
1 time
350 ℃
(MAX.)
(MAX.)
(MAX.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com