Electronic Components Datasheet Search
  English  ▼

X  

SW1142P Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1142P
Description  1608 (h=0.20mm) Type White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1142P Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SW1142P Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2009.10.30
Page 10
Handling
These types are designed chiefly for Cellular phone application, and are setting the thickness of the
Product to MAX.0.25mm or less thinly.To achieve the tin type of the product, making each material thin
is aimed at. Because they are inferior to our general LEDs by an external stress, please use these product
types after paying attention to the following.
1)Please set the mounting load to Max. 2N.
2)Please do not increase more quantity of the soldering paste than necessary quantity
(The thickness of stencil Mask : about 100-120µ), because the terminal area of the product is small.
3)Please avoid the collision of the mounting board etc. after LEDs were mounted on the substrate.
4)When warp of substrate is large after these were mounted on FPC etc, please use these product types
after affirming these is no problem.
5)Please use these product types after affirming there is no problem about the mounting position etc.
of product from substrate edge, when mounting them on multi-layer and multi-piece PCBs.
SW1142P
1608 (h=0.20mm) Type White LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com