Electronic Components Datasheet Search
  English  ▼

X  

SW1148C Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1148C
Description  1608 (h=0.35 mm) Type White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1148C Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  SW1148C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1148C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Luminous Intensity Rank
Page 5
Intensity Tolerance each Rank : +/-10%
SW1148C
1608 (h=0.35 mm) Type White LED
2009.2.2
(Ta=25℃)
※
Please contact our sales staff concerning rank designation.
Rank
IV(mcd)
MIN.
MAX.
A10
16
B16
25
C25
40
D40
64
E64
-
Condition
IF=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com