Electronic Components Datasheet Search
  English  ▼

X  

MIC2155YML Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC2155YML
Description  2-Phase, Single Output, PWM Synchronous Buck Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2155YML Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC2155YML Datasheet HTML 24Page - Micrel Semiconductor MIC2155YML Datasheet HTML 25Page - Micrel Semiconductor MIC2155YML Datasheet HTML 26Page - Micrel Semiconductor MIC2155YML Datasheet HTML 27Page - Micrel Semiconductor MIC2155YML Datasheet HTML 28Page - Micrel Semiconductor MIC2155YML Datasheet HTML 29Page - Micrel Semiconductor MIC2155YML Datasheet HTML 30Page - Micrel Semiconductor MIC2155YML Datasheet HTML 31Page - Micrel Semiconductor MIC2155YML Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Micrel, Inc.
MIC2155/2156
May 2009
28
M9999-052709-A
(408) 944-0800
formed by Co and it’s ESR, the slope of the gain curve
changes from -40db/dec. to -20db/dec and the phase
increases. The zero causes a 90° phase boost. Ceramic
capacitors, with their smaller values of capacitance and
ESR, push the zero and its phase boost out to higher
frequencies, which allow the phase lag from the LC filter
to drop closer to -180°. The system will be close to being
unstable if the overall open loop gain crosses 0dB while
the phase is close to -180°. If the output capacitance
and/or ESR is high, the zero moves lower in frequency
and helps to boost the phase, leading to a more stable
system.
The error amplifier is a type III which has two zeros, two
poles and a pole at the origin. This type of error amplifier
works well when Ceramic output capacitors make up the
majority of COUT because it introduces an extra zero that
helps improve phase margin.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
ω
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
ω
+
ω
⎟
⎠
⎞
⎜
⎝
⎛
ω
+
⎟
⎠
⎞
⎜
⎝
⎛
ω
+
=
2
p
s
1
1
p
s
1
po
s
2
z
s
1
1
z
s
1
)
s
(
Gea
where:
3
C
3
R
1
2
p
2
R
2
C
1
C
2
C
1
C
1
1
p
1
C
1
R
1
po
3
C
)
3
R
1
R
(
1
2
z
2
C
2
R
1
1
z
×
=
ω
⋅
+
×
=
ω
×
=
ω
⋅
+
=
ω
×
=
ω
Figure 26 shows the bode plot of the error amplifier
transfer function.
Z1
1
2
π
. R2
.
C2
.
Z2
1
2
π
.
R1
R3
()
.
C3
.
P1
1
2
π
.
C2 C1
.
C2
C1
.
R2
.
P2
1
2
π
. R3
.
C3
.
20 log
R2
R1
.
2
1
2
1
0
C
R
Z
⋅
⋅
⋅
=
π
Figure 26. Type III Error Amplifier Gain/Phase
Error Amplifier Design Procedure
Step 1: Decide on the crossover frequency
To maximize transient response, the open loop
bandwidth should be made reasonably high. Initially, the
bandwidth can be selected to be 1/10 of the output
switching frequency. This may be improved once the
design is built and measurements are made. An initial
bandwidth of 100kHz for the 2155 and 60kHz for the
2156 are good choices.
Step 2: Determine the gain required at the crossover
frequency
GBoost is how much gain boost is needed so the open
loop transfer function crosses 0dB at the pre-determined
crossover frequency. This can be measured by plotting
the Gvd(s) transfer function or can be estimated with the
following formula:
⎟
⎠
⎞
⎜
⎝
⎛
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
fz
fc
fc
fo
V
V
H
1
G
2
M
IN
Boost
Where: fo = LC filter resonant frequency
fc= open loop bandwidth chosen in Step 1
fz = zero formed by Cout and its ESR
H = voltage divider attenuation
Vm=amplitude of the internal sawtooth ramp (Vm=1)
Vin= Input voltage to the power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com