Electronic Components Datasheet Search
  English  ▼

X  

MIC3003GML Datasheet(PDF) 64 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 64 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 60Page - Micrel Semiconductor MIC3003GML Datasheet HTML 61Page - Micrel Semiconductor MIC3003GML Datasheet HTML 62Page - Micrel Semiconductor MIC3003GML Datasheet HTML 63Page - Micrel Semiconductor MIC3003GML Datasheet HTML 64Page - Micrel Semiconductor MIC3003GML Datasheet HTML 65Page - Micrel Semiconductor MIC3003GML Datasheet HTML 66Page - Micrel Semiconductor MIC3003GML Datasheet HTML 67Page - Micrel Semiconductor MIC3003GML Datasheet HTML 68Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
64
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Calibration 1 (OEMCAL1)
D[7]
reserved
read-only
D[6]
ADSTP
read/write
D[5]
ADIDL
read-only
D[4]
ONESHOT
read/write
D[3]
ADSPIN
read/write
D[2]
SPIN[2]
read/write
D[1]
SPIN[1]
read/write
D[0]
SPIN[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
17 = 11h
A valid OEM password is required for access to this register. This register is volatile and will not keep its value through power
cycles.
Bit
Function
Operation
D[7]
Reserved
Always write as zero; reads undefined.
D[6]
ADSTP
Stop ADC: Halts the analog to digital
converter
0 = ADC in normal operation
1 = ADC stopped
When ADSTP is set, the five-channel ADC halts and no
new ADC results are computed. Existing result registers
are not changed.
In addition, no new temperature compensation is applied
to the APC loop and fault parameters, and no
comparisons of the ADC results against the alarm and
warning limits is performed.
D[5]
ADIDL
ADC idle flag
0 = ADC is busy
1 = ADC is idle
ADIDL may be used in conjunction with ONESHOT to
determine when the single ADC conversion is complete.
After ONESHOT is set, the ADC runs until completion
and then halts. Software may poll ADIDL to detect this
completion before interrofating the result.
D[4]
ONESHOT
Triggers one-shot A/D conversion cycle
0 = Normal ADC operation
1 = ADC one-shot mode
Setting ONESHOT high starts the ADC and causes it to
stop after the next conversion is complete. After the
conversion, the ADC remains stopped until ONESHOT is
set low.
Multiple single ADC conversions may be executed by
repeatedly writing one to ONESHOT.
D[3]
ADSPIN
Selects ADC spin-on-channel mode; do
not enable ADC and FC spin-on-channel
modes simultaneously
0 = Normal ADC operation
1 = ADC spin-on-channel
D[2:0]
SPIN[2:0]
ADC and Fault Comparator (FC) channel
select for spin-on-channel mode; do not
enable ADC and FC spin-on-channel
modes simultaneously
ADC:
000 = temperature
001 = voltage
010 = VILD
011 = VMPD
100 = VRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com