Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # ZMM5259B
Description  SURFACE MOUNT ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZMM5259B Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  ZMM5259B Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZMM5259B Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZMM5259B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ZMM5221B(A)(C)(D) thru ZMM5267B(A)(C)(D)
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
RATING AND CHARACTERISTICS CURVES ZMM5221B(A)(C)(D) THRU ZMM5257B(A)(C)(D)
Vz(V )
5
10
15
20
25
0
10
20
30
40
50
30
FIG. 1 POWE
RDE R
ATINGCURVE
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE , C
O
Tes tCu rrent
Iz = 20m A
FIG.1 POWER DERATING CURVE
FIG.2 BREAKDOWN CHARACTERISTICS
www.paceleader.tw
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com