Electronic Components Datasheet Search
  English  ▼

X  

3560 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3560
Description  Banana Jack To #12, 16, 20 & 22 Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3560 Datasheet(HTML) 1 Page - Pomona Electronics

  3560 Datasheet HTML 1Page - Pomona Electronics 3560 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3560, 3562, 3564, 4690
Banana Jack To #12, 16, 20 & 22
Socket
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1093952, D1093954, D1093956, D1094166
Page 1 of 2
FEATURES:
Ideal test adapters for rapid testing of the hard-to-get
to pins of multi-pin connectors.
Flexible tip allows testing of adjacent contacts.
Full insulation protects against shorting or contact
damage.
Model 4690 will also slip over 0.025” (0.63mm)
square pins.
MATERIALS:
Insulation: Polyvinyl chloride (PVC)
Banana Jack Body (upper connector)
Material: Brass.
Finish: Bright Tin plated
Socket (lower connector):
Material: Copper Alloy
Finish: Gold over copper plate
ORDERING INFORMATION: Model: 3560-*, 3562-*, 3564-*, 4690-*
*=Color, -0 Black, -2 Red
Ordering Example: 3560-2 (red adapter)
Test Kit 6481: contains 18 pieces, one red and one black adapter of each adapter; 3560, 3561, 3562, 3563, 3564, 3565,
4690, 4691 and one set of model 6358 test leads.
For banana jack to test pins, see models: 3561, 3562, 3565, 4691
Model
Contact Size
Type
Current
4690
22 AWG .030” (.76mm)
Socket
5 Amps
3560
20 AWG .040” (1.02mm)
Socket
7.5 Amps
3562
16 AWG .063” (1.60mm)
Socket
13 Amps
3564
12 AWG .093” (2.36mm)
Socket
24 Amps
Ratings:
Hands free testing in controlled voltage environments:
2500 Vrms Max. For CE compliance: not intended for
hand-held use at voltages above 33 Vrms/70 Vdc.
Operating Temperature: +131F (+55C) Max.


Similar Part No. - 3560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3560 VISHAY-3560 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
ASM GmbH
3560 ASM-SENSOR-3560 Datasheet
1Mb / 4P
AC m廓 HiTESTER
logo
List of Unclassifed Man...
3560 ETC2-3560 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
3560 HEYCO-3560 Datasheet
147Kb / 1P
Nylon Cable Tie Variations
logo
Adafruit Industries
3560 ADAFRUIT-3560 Datasheet
297Kb / 2P
DIY HDMI Cable Parts - 10 cm HDMI Ribbon Cable
9-6-17
More results

Similar Description - 3560

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
3561 POMONA-3561 Datasheet
129Kb / 2P
Banana Jack To #12, 16, 20 & 22 Pin
3777A POMONA-3777A Datasheet
64Kb / 1P
Spade Lug to Banana Jack
3834 POMONA-3834 Datasheet
24Kb / 1P
Banana Jack To Pin Jack Adapter
4702 POMONA-4702 Datasheet
40Kb / 1P
Banana Plug To In-Line Banana Jack
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
6384-0 POMONA-6384-0 Datasheet
34Kb / 3P
Banana Jack, User Installed (18-22 AWG)
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com