Electronic Components Datasheet Search
  English  ▼

X  

ACA2786 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACA2786
Description  1 GHz, 25 dB Gain CATV Power Doubler Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2786 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACA2786 Datasheet HTML 1Page - ANADIGICS, Inc ACA2786 Datasheet HTML 2Page - ANADIGICS, Inc ACA2786 Datasheet HTML 3Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/2009
ACA2786
1 GHz, 25 dB Gain
CATV Power Doubler Amplifier
ADVANCED PRODUCT INFORMATION - Rev 0.0
Figure 1: Simplified Hybrid Internal Arrangement
FEATURES
• 25 dB Gain
• 40 MHz to 1 GHz Operating Range
• 0.5 dB Gain Flatness
• 24 V Supply
• Supply Current: 400 mA (Typ.)
• Very Low Distortion & Noise
• Robust Design and Insensitive to Voltage
Transients
• GaAs Monolithic IC-Based
• Standard SOT115J Package
APPLICATIONS
• Distribution Nodes, System Amplifiers, and Line
Extenders in CATV Systems
PRODUCT DESCRIPTION
The ACA2786 is a GaAs Hybrid Amplifier for CATV
HFC distribution systems. It consists of two pairs of
parallel amplifiers that are optimized for exceptionally
low distortion and noise figure. The ACA2786 is
offered in a standard SOT115J package.
Hybrid Pinout
Figure 2: Hybrid Pinout
Table 1: SOJ115J Pinning
PIN
Description
1
RF Input
2
GND
3
GND or No Connection
5
24 V
7, 8
GND
9
RF Output


Similar Part No. - ACA2786

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA2786P9 SKYWORKS-ACA2786P9 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA2786V0 SKYWORKS-ACA2786V0 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results

Similar Description - ACA2786

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7894 NEC-MC-7894 Datasheet
53Kb / 6P
1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7894 CEL-MC-7894 Datasheet
267Kb / 5P
1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
1 GHz, 21 dB Gain CATV Power Doubler Amplifier
Rev 0.0
ACA2788 ANADIGICS-ACA2788 Datasheet
364Kb / 4P
1 GHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA2788 SKYWORKS-ACA2788 Datasheet
478Kb / 6P
1 GHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA4789 SKYWORKS-ACA4789 Datasheet
377Kb / 5P
1218 MHz 25 dB Gain CATV Power-Doubler Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com