Electronic Components Datasheet Search
  English  ▼

X  

AWT6136 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6136
Description  450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6136 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6136 Datasheet HTML 1Page - ANADIGICS, Inc AWT6136 Datasheet HTML 2Page - ANADIGICS, Inc AWT6136 Datasheet HTML 3Page - ANADIGICS, Inc AWT6136 Datasheet HTML 4Page - ANADIGICS, Inc AWT6136 Datasheet HTML 5Page - ANADIGICS, Inc AWT6136 Datasheet HTML 6Page - ANADIGICS, Inc AWT6136 Datasheet HTML 7Page - ANADIGICS, Inc AWT6136 Datasheet HTML 8Page - ANADIGICS, Inc AWT6136 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Data Sheet - Rev 2.0
10/2008
AWT6136
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
RFOUT
VREF
RFIN 2
3
6
4
7
VMODE
5 VCC
GND
1
GND
VCC
PIN
NAME
DESCRIPTION
1
VCC
Supply Voltage
2
RFIN
RF Input Signal
3
VREF
Reference Voltage
4
VMODE
Mode Control
5
VCC
Supply Voltage
6
RFOUT
RF Output
7
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com