Electronic Components Datasheet Search
  English  ▼

X  

AD7194 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7194
Description  8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7194 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7194 Datasheet HTML 35Page - Analog Devices AD7194 Datasheet HTML 36Page - Analog Devices AD7194 Datasheet HTML 37Page - Analog Devices AD7194 Datasheet HTML 38Page - Analog Devices AD7194 Datasheet HTML 39Page - Analog Devices AD7194 Datasheet HTML 40Page - Analog Devices AD7194 Datasheet HTML 41Page - Analog Devices AD7194 Datasheet HTML 42Page - Analog Devices AD7194 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD7194
Rev. 0 | Page 39 of 56
DIGITAL FILTER
The AD7194 offers a lot of flexibility in the digital filter. The
device has five filter options. The device can be operated with
a sinc3 or sinc4 filter, chop can be enabled or disabled, and zero
latency can be enabled. Finally, an averaging block can be
included after the sinc filter, which gives a fast settling mode.
The option selected affects the output data rate, settling time,
and 50 Hz/60 Hz rejection. The following sections describe
each filter type, indicating the available output data rates for
each filter option. The filter response along with the settling
time and 50 Hz/60 Hz rejection is also discussed.
SINC4 FILTER (CHOP DISABLED)
When the AD7194 is powered up, the sinc4 filter is selected
by default and chop is disabled. This filter gives excellent noise
performance over the complete range of output data rates. It
also gives the best 50 Hz/60 Hz rejection, but it has a long
settling time.
SINC3/SINC4
POST FILTER
MODULATOR
ADC
CHOP
Figure 27. Sinc4 Filter (Chop Disabled)
Sinc4 Output Data Rate/Settling Time
The output data rate (the rate at which conversions are available
on a single channel when the ADC is continuously converting)
is equal to
fADC = fCLK/(1024 × FS[9:0])
where:
fADC is the output data rate.
fCLK is the master clock (4.92 MHz nominal).
FS[9:0] is the decimal equivalent of Bit FS9 to Bit FS0 in the
mode register.
The output data rate can be programmed from 4.7 Hz to
4800 Hz; that is, FS[9:0] can have a value from 1 to 1023.
The settling time for the sinc4 filter is equal to
tSETTLE = 4/fADC
When a channel change occurs, the modulator and filter are
reset. The settling time is allowed to generate the first conver-
sion after the channel change. Subsequent conversions on this
channel occur at 1/fADC.
CHANNEL
CONVERSIONS
CHANNEL A
CH A
CH A
CH A
CH B
CH B
CH B
CHANNEL B
1/
fADC
Figure 28. Sinc4 Channel Change
When conversions are performed on a single channel and a
step change occurs, the ADC does not detect the change in
analog input. Therefore, it continues to output conversions
at the programmed output data rate. However, it is at least four
conversions later before the output data accurately reflect the
analog input. If the step change occurs while the ADC is
processing a conversion, then the ADC takes five conversions
after the step change to generate a fully settled result.
1/
fADC
ANALOG
INPUT
ADC
OUTPUT
FULLY
SETTLED
Figure 29. Asynchronous Step Change in Analog Input
The 3 dB frequency for the sinc4 filter is equal to
f3dB = 0.23 × fADC
Table 28 gives some examples of the relationship between the
values in Bits FS[9:0] and the corresponding output data rate
and settling time.
Table 28. Examples of Output Data Rates and the
Corresponding Settling Time
FS[9:0]
Output Data Rate (Hz)
Settling Time (ms)
480
10
400
96
50
80
80
60
66.6
Sinc4 Zero Latency
Zero latency is enabled by setting the single bit (Bit 11) in the
mode register to 1. With zero latency, the complete settling time
is allowed for each conversion. Therefore, the conversion time
when converting on a single channel or when converting on
several channels is constant. The user does not need to consider
the effects of channel changes on the output data rate.
The output data rate equals
fADC = 1/tSETTLE = fCLK/(4 × 1024 × FS[9:0])
where:
fADC is the output data rate.
fCLK is the master clock (4.92 MHz nominal).
FS[9:0] is the decimal equivalent of Bit FS9 to Bit FS0 in the
mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com