Electronic Components Datasheet Search
  English  ▼

X  

AD8209 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8209
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8209 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8209 Datasheet HTML 8Page - Analog Devices AD8209 Datasheet HTML 9Page - Analog Devices AD8209 Datasheet HTML 10Page - Analog Devices AD8209 Datasheet HTML 11Page - Analog Devices AD8209 Datasheet HTML 12Page - Analog Devices AD8209 Datasheet HTML 13Page - Analog Devices AD8209 Datasheet HTML 14Page - Analog Devices AD8209 Datasheet HTML 15Page - Analog Devices AD8209 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8209
Rev. 0 | Page 12 of 16
4 mA to 20 mA Current Loop Receiver
The AD8209 can also be used in low current-sensing applica-
tions, such as the 4 mA to 20 mA current loop receiver shown
in Figure 28. In such applications, the relatively large shunt
resistor may degrade the common-mode rejection. Adding a
resistor of equal value on the low impedance side of the input
corrects this error.
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8209
5V
BATTERY
10
Ω
1%
10
Ω
1%
NC = NO CONNECT
CF
OUTPUT
+
–
Figure 28. 4 mA to 20 mA Current Loop Receiver
GAIN ADJUSTMENT
The default gain of the preamplifier and buffer are 7 V/V and
2 V/V, respectively, resulting in a composite gain of 14 V/V. With
the addition of external resistor(s) or trimmer(s), the gain can
be lowered, raised, or finely calibrated.
Gains Less than 14
Because the preamplifier has an output resistance of 100 kΩ, an
external resistor connected from Pin 3 and Pin 4 to GND decreases
the gain by the following factor (see Figure 29):
REXT/(100 kΩ + REXT)
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8209
5V
VDIFF
VCM
NC = NO CONNECT
REXT
OUTPUT
GAIN =
14REXT
REXT + 100kΩ
REXT = 100kΩ
GAIN
14 – GAIN
+
–
+
–
Figure 29. Adjusting for Gains Less than 14
The overall bandwidth is unaffected by changes in gain by using
this method, although there may be a small offset voltage due to
the imbalance in source resistances at the input to the buffer. In
many cases, this can be ignored, but if desired, the offset voltage can
be nulled by inserting a resistor in series with Pin 4. The resistor
used should be equal to 100 kΩ minus the parallel sum of REXT
and 100 kΩ. For example, with REXT = 100 kΩ (yielding a composite
gain of 7 V/V), the optional offset nulling resistor is 50 kΩ.
Gains Greater than 14
Connecting a resistor from the output of the buffer amplifier to
its noninverting input, as shown in Figure 30, increases the gain.
The gain is now multiplied by the factor
REXT/(REXT − 100 kΩ)
For example, it is doubled for REXT = 200 kΩ. Overall gains as
high as 50 are achievable in this way. Note that the accuracy of
the gain becomes critically dependent on the resistor value at
high gains. In addition, the effective input offset voltage at Pin 1
and Pin 8 (which is about six times the actual offset of A1) limits
the use of the part in high gain, dc-coupled applications.
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8209
5V
VDIFF
VCM
NC = NO CONNECT
REXT
OUTPUT
GAIN =
14REXT
REXT – 100kΩ
REXT = 100kΩ
GAIN
GAIN – 14
+
–
+
–
Figure 30. Adjusting for Gains Greater than 14
GAIN TRIM
Figure 31 shows a method for incremental gain trimming by
using a trim potentiometer and an external resistor, REXT.
The following approximation is useful for small gain ranges:
ΔG ≈ (10 MΩ ÷ REXT)%
For example, using this equation, the adjustment range is ±2%
for REXT = 5 MΩ and ±10% for REXT = 1 MΩ.
GND
NC
–IN
+IN
A1
+VS
A2
REXT
OUT
AD8209
5V
VDIFF
VCM
NC = NO CONNECT
OUTPUT
GAIN TRIM
20k
Ω MIN
+
–
+
–
Figure 31. Incremental Gain Trimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com