Electronic Components Datasheet Search
  English  ▼

X  

ADL5356 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5356
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5356 Datasheet HTML 12Page - Analog Devices ADL5356 Datasheet HTML 13Page - Analog Devices ADL5356 Datasheet HTML 14Page - Analog Devices ADL5356 Datasheet HTML 15Page - Analog Devices ADL5356 Datasheet HTML 16Page - Analog Devices ADL5356 Datasheet HTML 17Page - Analog Devices ADL5356 Datasheet HTML 18Page - Analog Devices ADL5356 Datasheet HTML 19Page - Analog Devices ADL5356 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5356
Rev. 0 | Page 16 of 24
SPUR TABLES
All spur tables are (N × fRF) − (M × fLO) and were measured using the standard evaluation board. Mixer spurious products are measured
in dBc from the IF output power level. Data was measured only for frequencies less than 6 GHz. Typical noise floor of the measurement
system = −100 dBm.
5 V Performance
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, VGS0 = VGS1 = VGS2 = 0 V,
and ZO = 50 Ω, unless otherwise noted.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N
0
−21.6
−20.2
−64.4
1
−40.7
0.00
−72.7
−45.9
−69.6
2
−70.5
−91.0
−74.4
−82.9
−86.4
<−100
3
<−100
<−100
<−100
−79.3
−96.5
<−100
4
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
14
<−100
<−100
15
<−100
3.3 V Performance
VS = 3.3 V, IS = 200 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.2 kΩ, R2 =
R5 = 400 Ω, VGS0 = VGS1 = VG2 = 0 V, and ZO = 50 Ω, unless otherwise noted.
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N
0
−9.84
−20.31
−43.05
−40.75
−64.36
1
−49.63
0.00
−47.95
−37.36
−53.08
−57.08
−74.07
2
−74.64
−56.52
−57.35
−64.17
−80.85
−91.01
−85.58
<−100
3
<−100
−88.31
−98.10
−62.72
<−100
−91.46
<−100
<−100
4
<−100
<−100
<−100
<−100
−99.73
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
14
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
15
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com