Electronic Components Datasheet Search
  English  ▼

X  

ADP122 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP122
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122 Datasheet(HTML) 1 Page - Analog Devices

  ADP122 Datasheet HTML 1Page - Analog Devices ADP122 Datasheet HTML 2Page - Analog Devices ADP122 Datasheet HTML 3Page - Analog Devices ADP122 Datasheet HTML 4Page - Analog Devices ADP122 Datasheet HTML 5Page - Analog Devices ADP122 Datasheet HTML 6Page - Analog Devices ADP122 Datasheet HTML 7Page - Analog Devices ADP122 Datasheet HTML 8Page - Analog Devices ADP122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5.5 V Input, 300 mA, Low Quiescent
Current, CMOS Linear Regulator
ADP122/ADP123
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage supply range: 2.3 V to 5.5 V
300 mA maximum output current
Fixed and adjustable output voltage versions
Very low dropout voltage: 85 mV at 300 mA load
Low quiescent current: 45 μA at no load
Low shutdown current: <1 μA
Initial accuracy: ±1% accuracy
Up to 31 fixed-output voltage options available from
1.75 V to 3.3 V
Adjustable-output voltage range
0.8 V to 5.0 V (ADP123)
Excellent PSRR performance: 60 dB at 100 kHz
Excellent load/line transient response
Optimized for small 1.0 μF ceramic capacitors
Current limit and thermal overload protection
Logic controlled enable
Compact, 5-lead TSOT package
APPLICATIONS
Digital camera and audio devices
Portable and battery-powered equipment
Automatic meter reading (AMR) meters
GPS and location management units
Medical instrumentation
Point-of-sale equipment
TYPICAL APPLICATION CIRCUIT
2
3
1
4
5
VIN = 2.3V TO 5.5V
VOUT = 1.8V
VIN
GND
EN
VOUT
NC
CIN
1µF
COUT
1µF
ADP122
OFF
ON
Figure 1. ADP122 with Fixed Output Voltage
VIN = 2.3V TO 5.5V
VOUT = 0.5V(1 + R1/R2)
R1
R2
CIN
1µF
COUT
1µF
2
3
1
4
5
VIN
GND
EN
VOUT
ADJ
ADP123
OFF
ON
Figure 2. ADP 123 with Adjustable Output Voltage
GENERAL DESCRIPTION
The ADP122/ADP123 are low quiescent current, low dropout
linear regulators. They are designed to operate from an input
voltage between 2.3 V and 5.5 V and to provide up to 300 mA of
output current. The low 85 mV dropout voltage at a 300 mA load
improves efficiency and allows operation over a wide input
voltage range.
The low 170 μA of quiescent current at full load makes the ADP122
ideal for battery-operated portable equipment.
The ADP122 is capable of 31 fixed output voltages from 1.75 V
to 3.3 V. The ADP123 is the adjustable version of the device and
allows the output voltage to be set between 0.8 V and 5.0 V by
an external voltage divider.
The ADP122/ADP123 are specifically designed for stable operation
with tiny 1 μF ceramic input and output capacitors to meet the
requirements of high performance, space constrained applications.
The ADP122/ADP123 have an internal soft start that gives a
constant start-up time of 350 μs. Short-circuit protection and
thermal overload protection circuits prevent damage in adverse
conditions. The ADP122/ADP123 are available in a tiny, 5-lead
TSOT package for the smallest footprint solution to meet a
variety of portable applications.


Similar Part No. - ADP122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122-3.3-EVALZ AD-ADP122-3.3-EVALZ Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122-3.3-EVALZ AD-ADP122-3.3-EVALZ Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Cirrus Logic
ADP122-3.3-EVALZ APEX-ADP122-3.3-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
List of Unclassifed Man...
ADP1221 ETC-ADP1221 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
logo
Analog Devices
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
More results

Similar Description - ADP122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP124 AD-ADP124 Datasheet
676Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com