Electronic Components Datasheet Search
  English  ▼

X  

ADM2582 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM2582
Description  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2582 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM2582 Datasheet HTML 12Page - Analog Devices ADM2582 Datasheet HTML 13Page - Analog Devices ADM2582 Datasheet HTML 14Page - Analog Devices ADM2582 Datasheet HTML 15Page - Analog Devices ADM2582 Datasheet HTML 16Page - Analog Devices ADM2582 Datasheet HTML 17Page - Analog Devices ADM2582 Datasheet HTML 18Page - Analog Devices ADM2582 Datasheet HTML 19Page - Analog Devices ADM2582 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM2582E/ADM2587E
Rev. 0 | Page 17 of 20
In the case of unipolar ac or dc voltage, the stress on the insulation
is significantly lower. This allows operation at higher working
voltages while still achieving a 50-year service life. The working
voltages listed in Table 9 can be applied while maintaining the
50-year minimum lifetime, provided the voltage conforms to either
the unipolar ac or dc voltage cases. Any crossinsulation voltage
waveform that does not conform to Figure 37 or Figure 38 should
be treated as a bipolar ac waveform, and its peak voltage should
be limited to the 50-year lifetime voltage value listed in Table 9.
0V
RATED PEAK VOLTAGE
Figure 36. Bipolar AC Waveform
0V
RATED PEAK VOLTAGE
Figure 37. DC Waveform
0V
RATED PEAK VOLTAGE
NOTES
1. THE VOLTAGE IS SHOWN AS SINUSODIAL FOR ILLUSTRATION
PURPOSES ONLY. IT IS MEANT TO REPRESENT ANY VOLTAGE
WAVEFORM VARYING BETWEEN 0 AND SOME LIMITING VALUE.
THE LIMITING VALUE CAN BE POSITIVE OR NEGATIVE, BUT THE
VOLTAGE CANNOT CROSS 0V.
Figure 38. Unipolar AC Waveform
ISOLATED POWER SUPPLY CONSIDERATIONS
The typical output voltage of the integrated isoPower dc-to-dc
isolated supply is 3.3 V. The isolated supply in the ADM2587E
is capable of supplying a current of 55 mA when the junction
temperature of the device is kept below 120°C. It is important
to note that the current available on the VISOOUT pin is the total
current available and includes the current required to supply the
internal RS-485 circuitry.
The ADM2587E can typically supply 15 mA externally on
VISOOUT when the driver is switching at 500 kbps loaded with 54 Ω,
while the junction temperature of the part is less than 120°C.
Table 14. Typical Maximum External Current Available
on VISOOUT
External Load
Current (mA)
RT
System Configuration
15
54 Ω
Double terminated bus with
RT = 110 Ω
29
120 Ω
Single terminated bus
46
Unloaded
Unterminated bus
The ADM2582E typically has no current available externally
on VISOOUT.
When external current is drawn from the VISOOUT pin, there is
an increased risk of generating radiated emissions due to the
high frequency switching elements used in the isoPower dc to-
dc converter. Special care must be taken during PCB layout to
meet emissions standards. See Application Note AN-0971,
Control of Radiated Emissions with isoPower Devices, for details
on board layout considerations.
ADM2582E/ADM2587E
TxD
A
B
Y
Z
DE
VCC
VCC
VCC
RxD
RE
ISOLATION
BARRIER
TRANSCEIVER
GND1
GND2
GND2
GND1
RT
ENCODE
ENCODE
DECODE
DECODE
D
R
DECODE
ENCODE
OSCILLATOR
RECTIFIER
REGULATOR
EXTERNAL
LOAD
VISOOUT
DIGITAL ISOLATION iCoupler
isoPower DC-TO-DC CONVERTER
VISOIN
500kbps
GND
Figure 39. ADM2587E Typical Maximum External Current Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com