Electronic Components Datasheet Search
  English  ▼

X  

ADP3629 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3629
Description  High Speed, Dual, 2 A MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3629 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3629 Datasheet HTML 2Page - Analog Devices ADP3629 Datasheet HTML 3Page - Analog Devices ADP3629 Datasheet HTML 4Page - Analog Devices ADP3629 Datasheet HTML 5Page - Analog Devices ADP3629 Datasheet HTML 6Page - Analog Devices ADP3629 Datasheet HTML 7Page - Analog Devices ADP3629 Datasheet HTML 8Page - Analog Devices ADP3629 Datasheet HTML 9Page - Analog Devices ADP3629 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3629/ADP3630/ADP3631
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD
−0.3 V to +20 V
OUTA, OUTB
DC
−0.3 V to VDD + 0.3 V
<200 ns
−2 V to VDD + 0.3 V
INA, INA, INB, INB, SD
−0.3 V to VDD + 0.3 V
ESD
Human Body Model (HBM)
3.5 kV
Field Induced Charged Device
Model (FICDM)
SOIC_N
1.5 kV
MSOP
1.0 kV
Junction Temperature Range
−40°C to +150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for a device soldered in a 4-layer circuit board
and is measured per JEDEC standards JESD51-2, JESD51-5,
and JESD51-7.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC_N
110.6
°C/W
8-Lead MSOP
162.2
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com