Electronic Components Datasheet Search
  English  ▼

X  

ADM2587 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM2587
Description  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2587 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM2587 Datasheet HTML 9Page - Analog Devices ADM2587 Datasheet HTML 10Page - Analog Devices ADM2587 Datasheet HTML 11Page - Analog Devices ADM2587 Datasheet HTML 12Page - Analog Devices ADM2587 Datasheet HTML 13Page - Analog Devices ADM2587 Datasheet HTML 14Page - Analog Devices ADM2587 Datasheet HTML 15Page - Analog Devices ADM2587 Datasheet HTML 16Page - Analog Devices ADM2587 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADM2582E/ADM2587E
Rev. 0 | Page 13 of 20
SWITCHING CHARACTERISTICS
Z
Y
tDPLH
tDR
tDPHL
tDF
1/2VO
VO
90% POINT
10% POINT
90% POINT
10% POINT
VDIFF = V(Y) – V(Z)
–VO
VDIFF
tSKEW = │tDPHL –tDPLH│
+VO
0V
VCC
VCC/2
VCC/2
Figure 29. Driver Propagation Delay, Rise/Fall Timing
A – B
RxD
0V
1.5V
1.5V
VOL
VOH
tRPLH
0V
tRPHL
tSKEW = |tRPLH – tRPHL|
Figure 30. Receiver Propagation Delay
DE
Y, Z
Y, Z
VCC
0V
VOL
VOH
0.5VCC
0.5VCC
tZL
tZH
tLZ
tHZ
VOH – 0.5V
VOL + 0.5V
2.3V
2.3V
Figure 31. Driver Enable/Disable Timing
OUTPUT LOW
OUTPUT HIGH
1.5V
1.5V
RO
RO
RE
0V
0.5VCC
0.5VCC
0.7VCC
0.3VCC
tZL
tZH
tLZ
tHZ
VOH – 0.5V
VOL + 0.5V
VOL
VOH
Figure 32. Receiver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com