Electronic Components Datasheet Search
  English  ▼

X  

3602 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3602
Description  Shielded Housing, Size ?쏡?? BNC Female Both Ends
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3602 Datasheet(HTML) 1 Page - Pomona Electronics

  3602 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90196 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3602_1_01.doc
Page 1 of
1
Model 3602
Shielded Housing, Size “D”,
BNC Female Both Ends
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Connector: 2 each BNC Female
Finish:
Body and Fittings – Tarnish resistant
Center Contact – Gold plated
Nominal Impedance: 50 Ohms.
Solder Turret Terminal Screws: 4 each, 4-40 pan head. Material: Steel.
Shielded Housing: Die cast aluminum Alloy A380 or A384.
Finish: Blue baked enamel per Federal Standard 595 #25109 over primer wash per DOD-P-15328.
Cover: 1.60 (.063) thick aluminum 1100-H14
Finish: Clear anodized
Screws: 8 each, #4-40 x 6.35 (1/4) with blue zinc plating.
RATINGS:
Operating Temperature: +150°C. (+302°F.) Max.
ORDERING INFORMATION: Model 3602


Similar Part No. - 3602

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
Low Thermal EMF Reed Relays
logo
Lumberg
3602 LUMBERG-3602 Datasheet
89Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3602 LUMBERG-3602 Datasheet
466Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3602 HEYCO-3602 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3602 ADAFRUIT-3602 Datasheet
1Mb / 3P
Google AIY Voice Kit for Raspberry Pi
11-28-17
More results

Similar Description - 3602

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
3601 POMONA-3601 Datasheet
48Kb / 1P
Die Cast Aluminum Box Painted, Size ?쏡?
3603 POMONA-3603 Datasheet
27Kb / 1P
Shielded Housing, Size ?쏡??BNC Female To BNC Male
4276 POMONA-4276 Datasheet
21Kb / 1P
BNC Male Right Angle Both Ends
B-12-2 POMONA-B-12-2 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
logo
3M Electronics
B-60-1 3M-B-60-1 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-72-0 3M-B-72-0 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
logo
List of Unclassifed Man...
BU-1111-A-12-0 ETC2-BU-1111-A-12-0 Datasheet
65Kb / 1P
Mini-plunger Clip On Both Ends
BU-3030-A-60-0 ETC2-BU-3030-A-60-0 Datasheet
64Kb / 1P
Insulated Alligator Clip on Both Ends
BU-5050-B-12-0 ETC2-BU-5050-B-12-0 Datasheet
47Kb / 1P
BNC Male on Both Ends
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com