Electronic Components Datasheet Search
  English  ▼

X  

3603 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3603
Description  Shielded Housing, Size ?쏡??BNC Female To BNC Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3603 Datasheet(HTML) 1 Page - Pomona Electronics

  3603 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90197
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3603_1_01.doc
Page 1 of
1
Model 3603
Shielded Housing, Size “D”
BNC Female To BNC Male
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Connector: 2 each BNC Female
Finish:
Body and Fittings – Tarnish resistant
Center Contact – Gold plated
Nominal Impedance: 50 Ohms. Solder Turret
Terminal Screws: 4 each, 4-40 pan head. Material:
Steel.
Shielded Housing: Die cast aluminum Alloy A380 or
A384.
Finish: Blue baked enamel per Federal Standard
595 #25109 over primer wash per DOD-P-15328.
Cover: 1.60 (.063) thick aluminum 1100-H14
Finish: Clear anodized per MIL-A-8625
Screws: 8 each, #4-40 x 6.35 (1/4) with blue zinc
plating.
Connector: BNC Male
Finish:
Body & Fittings: Tarnish Resistant.
Center Contact: Gold plated
Nominal Impedance: 50 Ohms
RATINGS:
Operating Temperature: +150°C. (+302°F.) Max.
ORDERING INFORMATION: Model 3603


Similar Part No. - 3603

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3603 3M-3603 Datasheet
27Kb / 2P
050 Jacketed, Flat Cable
08-Dec-2009
logo
Mill-Max Mfg. Corp.
3603 MILL-MAX-3603 Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
logo
Heyco.
3603 HEYCO-3603 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
3M Electronics
3603/10 3M-3603/10 Datasheet
27Kb / 2P
050 Jacketed, Flat Cable
08-Dec-2009
3603/16 3M-3603/16 Datasheet
27Kb / 2P
050 Jacketed, Flat Cable
08-Dec-2009
More results

Similar Description - 3603

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3602 POMONA-3602 Datasheet
26Kb / 1P
Shielded Housing, Size ?쏡?? BNC Female Both Ends
6700 POMONA-6700 Datasheet
17Kb / 1P
BNC Male to Dual BNC Female Straight Adapter
logo
Pasternack Enterprises,...
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9529 PASTERNACK-PE9529 Datasheet
240Kb / 2P
BNC Female to Reverse Polarity BNC Male Adapter
PE9530 PASTERNACK-PE9530 Datasheet
242Kb / 2P
BNC Male to Reverse Polarity BNC Female Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
logo
Adam Technologies, Inc.
RF1-32-D-XX-75 ADAM-TECH-RF1-32-D-XX-75 Datasheet
98Kb / 1P
BNC MALE TO RCA FEMALE
RF1-90-T-AS-75 ADAM-TECH-RF1-90-T-AS-75 Datasheet
99Kb / 1P
BNC FEMALE TO MALE
logo
Pasternack Enterprises,...
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com