Electronic Components Datasheet Search
  English  ▼

X  

SC6105 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC6105
Description  VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6105 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC6105 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6105 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SC6105
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.04.17
Http://www.silan.com.cn
Page 4 of 9
(Continued)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference Voltage
V2.5
-
2.45
2.5
2.55
V
Input Bias Current
IIB
-
-
-
0.1
A
Open-Loop Voltage Gain
AVOL
-
50
60
-
dB
Unity Gain Bandwidth
BW
-
0.3
1
-
MHz
Error
Amplifier
Power Supply Rejection
Ratio
PSRR
50
-
-
dB
Oscillator
PWM Frequency
FOSC
RI = 75k
Ω
60
65
70
kHz
Charge Current
ISS
RI = 75k
Ω
4.0
5.7
7.0
A
Soft-Start
Duty Cycle
DC
-
85
-
93
%
Output Voltage Low
VOL
Io = 5mA
-
-
0.5
V
Output Voltage High
VOH
V12 = 12V
4
-
-
V
PWM
Output
Output Impedance of
VOH
RO
-
1.5
-
3.3
k
Ω
PIN CONFIGURATIONS
PIN DESCRIPTIONS
Pin No.
Pin Name
Description
1
PSON
Remote On/Off logic input for CPU or controller. Turn on/off the PWM Output.
2
V33
3.3V over-voltage/under-voltage control sense input.
3
V5
5V over-voltage/under-voltage control sense input.
4
OPP
Over-power sense input.
5
UVAC
AC fail detection.
6
NVP
The protection input for negative output.
7
V12
12V over-voltage/under-voltage control sense input.
(To be continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com