Electronic Components Datasheet Search
  English  ▼

X  

SC6105B Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC6105B
Description  VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6105B Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC6105B Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6105B Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SC6105
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.04.17
Http://www.silan.com.cn
Page 2 of 9
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
Supply Voltage(pin20)
VCC
12
V
Regulator Output At FB1, FB2 Pins
VFB
16
V
Output Current At PG, FB1, FB2 Pins
IOUT
30
mA
Power Dissipation(Tamb=25
°C)
PD
1.5
W
Power Dissipation(Tamb=90
°C)
PD
0.5
W
Thermal Resistance, Junction-To-Air
R JA
82.5
°C/W
Operating Temperature Range
Tamb
-30 ~ +125
°C
Storage Temperature Range
Tstg
-55~+155
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, VCC=5V, Tamb=25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
All function is normal.
4.5
5.0
7.0
V
Supply Current
ICC
PG High
--
5
10
mA
Over-Voltage Protection 3.3V
VOVP1
-
3.9
4.1
4.3
V
Over-Voltage Protection 5V
VOVP2
-
5.8
6.1
6.5
V
Over-Voltage Protection 12V
VOVP3
-
13.9
14.5
14.9
V
Under-Voltage Protection 3.3V
VUVP1
-
2.0
2.6
2.8
V
(To be continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com