Electronic Components Datasheet Search
  English  ▼

X  

SC9243 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9243
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9243 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9243 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9243 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SC9243
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
DESCRIPTION
SC9243 is an infrared remote control transmitter utilizing CMOS
Technology specially designed for electrical appliances such as Audio
System, Television, Video Cassette Recorder, CD Player and others.
SC9243 is capable of multiple keying; thus, a maximum of 144
instructions is possible. The pin assignments and application circuit are
optimized for easy PCB Layout and cost saving advantage.
FEATURES
* CMOS Technology, Low Power Consumption
* Least External Components
* Up To 144 Instructions (32 Basic + 112 Multiple Keys)
* Multiple Keying Is Possible
* Wide Range Of Operating Supply Voltage: 2~4 Volts
* 7 Out Of 8 System Code Bits Are Pre-Settable
* Interference From Other Equipment Or Apparatus Is Prevented.
APPLICATIONS
* Mini COMPO
* Video Cassette Recorder(VCR)
* CD-Player
* Audio Equipment
ORDERING INFORMATION
Part No.
Package
SC9243
DIP-20-300-2.54
SC9243S
SOP-20-375-1.27
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.02.17
Http: www.silan.com.cn
Page 1 of 15


Similar Part No. - SC9243

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9240 FAIRVIEW-SC9240 Datasheet
599Kb / 3P
N Female Connector Tab Terminal Solder Attachment 4 Hole Flange
REV 1.1A
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9244A SILAN-SC9244A Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Infinite Electronics In...
SC9245 FAIRVIEW-SC9245 Datasheet
508Kb / 3P
N Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 2.0
More results

Similar Description - SC9243

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com