Electronic Components Datasheet Search
  English  ▼

X  

MAC4DSM Datasheet(PDF) 6 Page - ON Semiconductor

Part # MAC4DSM
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DSM Datasheet(HTML) 6 Page - ON Semiconductor

  MAC4DSM Datasheet HTML 1Page - ON Semiconductor MAC4DSM Datasheet HTML 2Page - ON Semiconductor MAC4DSM Datasheet HTML 3Page - ON Semiconductor MAC4DSM Datasheet HTML 4Page - ON Semiconductor MAC4DSM Datasheet HTML 5Page - ON Semiconductor MAC4DSM Datasheet HTML 6Page - ON Semiconductor MAC4DSM Datasheet HTML 7Page - ON Semiconductor MAC4DSM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAC4DSM, MAC4DSN
http://onsemi.com
6
Figure 13. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(+)
Figure 14. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(−)
Figure 15. Critical Rate of Rise of
Commutating Voltage
125
100
TJ, JUNCTION TEMPERATURE (°C)
400
TJ, JUNCTION TEMPERATURE (°C)
125
100
1000
200
0
5.0
20
0
di/dt(c), RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
100
10
1.0
200
0
105
110
115
120
105
110
1200
1400
1600
800
600
115
120
400
600
800
10
15
GATE OPEN
VPK = 400 V
800 V
600 V
GATE OPEN
VPK = 400 V
800 V
600 V
VPK = 400 V
100°C
75°C
TJ = 125°C
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
Figure 16. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
−
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51 W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com