Electronic Components Datasheet Search
  English  ▼

X  

SC9699P Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9699P
Description  CD SERVO CONTROLLER WITH MCU (WITH DTS AND CLOCK)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9699P Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9699P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9699P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC9699P
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 5 of 11
PIN DESCRIPTIONS
Pin no.
Pin name
I/O
Descriptions
1
PG.3
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
2
PG.2
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
3
PG.1
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close
4
PG.0
I/O
General purpose IO port, input bit by bit control with pull-up,
output forced to pull-up
5
MGND
I
MCU and periphery ground
6
MVDD
I
MCU and periphery power supply
7
PI.3
I/O
Common IO port without pull-up or pull-down
8
PI.2
I/O
Common IO port without pull-up or pull-down
9
PI.1
I/O
Common IO port without pull-up or pull-down
10
PI.0
I/O
Common IO port without pull-up or pull-down
11
BUZZ/PB.7
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
12
INT6/PB.6
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
13
INT5/PB.5
I/O
General purpose IO port, input bit by bit control with pull-up,
output pull-up close, Schmitt input
14
EXTREF/PA.7
I/O
General purpose IO port
Also used as AD reference voltage input
15
AD6/PA.6
I/O
General purpose IO port
Also used as AD switch channel 6
16
AD5/PA.5
I/O
General purpose IO port
Also used as AD switch channel 5
17
AD4/PA.4
I/O
General purpose IO port
Also used as AD switch channel 4
18
AD3/PA.3
I/O
General purpose IO port
Also used as AD switch channel 3
19
AD2/PA.2
I/O
General purpose IO port
Also used as AD switch channel 2
20
AD1/PA.1
I/O
General purpose IO port
Also used as AD switch channel 1
21
AD0/PA.0
I/O
General purpose IO port
Also used as AD switch channel 0
22
AVDD
I
Power supply for DTS PLL
23
EO
O
DTS PLL error output signal EO
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com