Electronic Components Datasheet Search
  English  ▼

X  

CY7C199D Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C199D
Description  256K (32K x 8) Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199D Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C199D Datasheet HTML 1Page - Cypress Semiconductor CY7C199D Datasheet HTML 2Page - Cypress Semiconductor CY7C199D Datasheet HTML 3Page - Cypress Semiconductor CY7C199D Datasheet HTML 4Page - Cypress Semiconductor CY7C199D Datasheet HTML 5Page - Cypress Semiconductor CY7C199D Datasheet HTML 6Page - Cypress Semiconductor CY7C199D Datasheet HTML 7Page - Cypress Semiconductor CY7C199D Datasheet HTML 8Page - Cypress Semiconductor CY7C199D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY7C199D
Document #: 38-05471 Rev. *E
Page 2 of 12
Pin Configuration
Figure 1. 28-Pin SOJ
(Top View)
Figure 2. 28-Pin SOIC
(Top View)
Figure 3. 28-Pin TSOP I
(Top View)
Selection Guide
Description
-10 (Industrial)
-25 (Automotive) [1]
Unit
Maximum Access Time
10
25
ns
Maximum Operating Current
80
63
mA
Maximum CMOS Standby Current
3
15
mA
1
2
3
4
5
6
7
8
9
11
14
15
16
20
19
18
17
21
24
23
22
12
13
25
28
27
26
VCC
WE
A4
A5
A6
A7
A8
A9
A3
A2
A1
A10
A11
A12
A13
A14
IO2
GND
IO3
IO4
IO7
CE
A0
OE
IO0
IO5
IO6
IO1
10
1
2
3
4
5
6
7
8
9
11
14
15
16
20
19
18
17
21
24
23
22
12
13
25
28
27
26
VCC
WE
A13
A14
A12
A7
A6
A5
A8
A9
A11
A4
A3
A2
A1
A0
IO2
GND
IO3
IO4
IO7
CE
A10
OE
IO0
IO5
IO6
IO1
10
22
23
24
25
26
27
28
1
2
4
7
8
9
13
12
11
10
14
17
16
15
5
6
18
21
20
19
A0
CE
IO7
OE
A1
A2
A3
A4
IO6
IO5
IO4
WE
VCC
A5
A6
A7
A10
A11
A12
A13
IO1
IO2
GND
IO3
A8
A14
IO0
A9
3
TSOP I
Top View
(not to scale)
Note:
1. Automotive product information is preliminary
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com