Electronic Components Datasheet Search
  English  ▼

X  

SNC207S Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC207S
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC207S Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC207S Datasheet HTML 3Page - SONiX Technology Company SNC207S Datasheet HTML 4Page - SONiX Technology Company SNC207S Datasheet HTML 5Page - SONiX Technology Company SNC207S Datasheet HTML 6Page - SONiX Technology Company SNC207S Datasheet HTML 7Page - SONiX Technology Company SNC207S Datasheet HTML 8Page - SONiX Technology Company SNC207S Datasheet HTML 9Page - SONiX Technology Company SNC207S Datasheet HTML 10Page - SONiX Technology Company SNC207S Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SNC207S
Direct Drive Speech Controller
Ver: 0.3
Sept 20, 2007
7
PWM: A PWM (pulse width modulation) circuit is built-in SNC207S. PWM can
convert input digital data into pulse trains with suitable different pulse width. The
maximum resolution of PWM is 7 bits. Two huge output stage circuits are designed
in SNC207S. With this advanced circuit, the chip is capable of driving speaker
directly without external transistors.
The recommended application circuit is
illustrated as follows.
PWM Output
BUO1/VO
BUO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11