Electronic Components Datasheet Search
  English  ▼

X  

SNC26017 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC26017
Description  One Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26017 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC26017 Datasheet HTML 3Page - SONiX Technology Company SNC26017 Datasheet HTML 4Page - SONiX Technology Company SNC26017 Datasheet HTML 5Page - SONiX Technology Company SNC26017 Datasheet HTML 6Page - SONiX Technology Company SNC26017 Datasheet HTML 7Page - SONiX Technology Company SNC26017 Datasheet HTML 8Page - SONiX Technology Company SNC26017 Datasheet HTML 9Page - SONiX Technology Company SNC26017 Datasheet HTML 10Page - SONiX Technology Company SNC26017 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SNC26017
One Channel Speech Controller
Ver: 1.7
October 14, 2009
7
5.7 PWM Output
An PWM circuit is built-in SNC26017. The maximum resolution of PWM is 8 bits.
Two huge output stage circuits are designed in SNC26017. With this advanced
circuit, the chip is capable of driving speaker directly without external transistors.
BUO1
BUO2
PWM Output
5.8 Watch Dog Timer
SNC26017 built an internal WDT (Watch Dog Timer). This Watchdog timer would
issue resets signal to this chip if it is not cleared before reaching terminal count (128
ms). The watchdog timer is enabled at reset and cannot be disabled.
5.9 IR Function
P23 can be modulated with 38.5KHz square wave before sent out to P23 pin.
The IR signal can be achieved by this modulated signal.
5.10
PWM IO control
SNC26017 has support 4 PWM IO (P20~P23). Each I/O has 8 bit independent duty
register, and the 8 bit register are compare with 8 bits counter. If set use PWM IO
function and internal counter start at 000H, the mapping I/O will set High. The 8 bits
counter increment if the same duty register, that will reset the mapping IO pin.
6. ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com