Electronic Components Datasheet Search
  English  ▼

X  

53508 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53508
Description  SOLID STATE POWER CONTROLLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53508 Datasheet(HTML) 4 Page - Micropac Industries

  53508 Datasheet HTML 1Page - Micropac Industries 53508 Datasheet HTML 2Page - Micropac Industries 53508 Datasheet HTML 3Page - Micropac Industries 53508 Datasheet HTML 4Page - Micropac Industries 53508 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
53508 Series
Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/30/06 Rev B
Pg. 4 of 5
Table 1
Current Rating
Nominal Value (Rext)
Tolerance (Rext)
3A
0
-
5A
4K
+ 10%
6.7A
11.2K
+ 10%
8.3A
32K
+ 10%
10A
OPEN
-
TURN ON PROFILE
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
900
1000
1100
TIME (uS)
10%
90%
The SSPC applies Voltage to the Load at a fixed rate of approximately 43V/100uS during Turn-On
independent of the Load Current. This corresponds to a Turn-On time of 500uS when measured
from 10% to 90% with an applied voltage of +270VDC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com