Electronic Components Datasheet Search
  English  ▼

X  

LT1499 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1499
Description  Driving A-to-D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1499 Datasheet HTML 9Page - Linear Technology LT1499 Datasheet HTML 10Page - Linear Technology LT1499 Datasheet HTML 11Page - Linear Technology LT1499 Datasheet HTML 12Page - Linear Technology LT1499 Datasheet HTML 13Page - Linear Technology LT1499 Datasheet HTML 14Page - Linear Technology LT1499 Datasheet HTML 15Page - Linear Technology LT1499 Datasheet HTML 16Page - Linear Technology LT1499 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1498/LT1499
14989fe
13
TYPICAL PERFORMANCE CHARACTERISTICS
±15V Small-Signal Response
±15V Large-Signal Response
5V Small-Signal Response
5V Large-Signal Response
200ns/DIV
14989 G27
VS = 5V
AV = 1
VIN = 20mVP-P AT 50kHz
RL = 1k
2μs/DIV
14989 G28
VS = 5V
AV = 1
VIN = 4VP-P AT 10kHz
RL = 1k
200ns/DIV
14989 G29
VS = 15V
AV = 1
VIN = 20mVP-P AT 50kHz
RL = 1k
2μs/DIV
14989 G30
VS = 15V
AV = 1
VIN = 20VP-P AT 10kHz
RL = 1k
APPLICATIONS INFORMATION
Rail-to-Rail Input and Output
The LT1498/LT1499 are fully functional for an input and
output signal range from the negative supply to the posi-
tive supply. Figure 1 shows a simplified schematic of the
amplifier. The input stage consists of two differential am-
plifiers, a PNP stage (Q1/Q2) and an NPN stage (Q3/Q4)
which are active over different ranges of input common
mode voltage. A complementary common emitter output
stage (Q14/Q15) is employed allowing the output to swing
from rail-to-rail. The devices are fabricated on Linear
Technology’s proprietary complementary bipolar process
to ensure very similar DC and AC characteristics for the
output devices (Q14/Q15).
The PNP differential input pair is active for input common
mode voltages, VCM, between the negative supply to
approximately 1.3V below the positive supply. As VCM
moves further toward the positive supply, the transistor
(Q5) will steer the tail current, I1, to the current mirror
(Q6/Q7) activating the NPN differential pair, and the PNP
differential pair becomes inactive for the rest of the input
common mode range up to the positive supply.
The output is configured with a pair of complementary
common emitter stages that enables the output to swing
from rail to rail. Capacitors (C1 and C2) form local
feedback loops that lower the output impedance at high
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com