Electronic Components Datasheet Search
  English  ▼

X  

LTC5541 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5541
Description  1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5541 Datasheet(HTML) 2 Page - Linear Technology

  LTC5541 Datasheet HTML 1Page - Linear Technology LTC5541 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTC5541
2
5541p
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Mixer Supply Voltage (VCC1, VCC2)...........................3.8V
LO Switch Supply Voltage (VCC3).............................3.8V
IF Supply Voltage (IF+, IF–) ......................................5.5V
Shutdown Voltage (SHDN)................–0.3V to VCC +0.3V
LO Select Voltage (LOSEL)................–0.3V to VCC +0.3V
LO1, LO2 Input Power (1GHz to 3GHz)...................9dBm
LO1, LO2 Input DC Voltage ....................................±0.5V
RF Input Power (1GHz to 3GHz) ...........................15dBm
RF Input DC Voltage............................................... ±0.1V
Operating Temperature Range .................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
(Note 1)
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UH PACKAGE
20-LEAD (5mm
5mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
NC
RF
CT
GND
SHDN
LO2
VCC3
GND
GND
LO1
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5541IUH#PBF
LTC5541IUH#TRPBF
5541
20-Lead (5mm x 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, SHDN = Low, TA = 25°C, PLO = 0dBm,
unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO Input Frequency Range
1400 to 2000
MHz
RF Input Frequency Range
Low-Side LO
High-Side LO
1600 to 2300
1300 to 1800
MHz
MHz
IF Output Frequency Range
Requires External Matching
5 to 500
MHz
RF Input Return Loss
ZO = 50Ω, 1300MHz to 2300MHz
>12
dB
LO Input Return Loss
ZO = 50Ω, 1400MHz to 2000MHz
>12
dB
IF Output Return Loss
>12
dB
LO Input Power
fLO = 1400MHz to 2000MHz
–4
0
4
dBm
LO to RF Leakage
fLO = 1400MHz to 2000MHz
<–32
dBm
LO to IF Leakage
fLO = 1400MHz to 2000MHz
<–31
dBm
LO Switch Isolation
LO1 Selected, 1400MHz < fLO < 2000MHz
LO2 Selected, 1400MHz < fLO < 2000MHz
52
50
dB
dB
RF to LO Isolation
fRF = 1300MHz to 2300MHz
52
dB
RF to IF Isolation
fRF = 1300MHz to 2300MHz
33
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com