Electronic Components Datasheet Search
  English  ▼

X  

RN2421 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2421
Description  PNP EPITAXIAL TYPE (SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2421 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2421 Datasheet HTML 1Page - Toshiba Semiconductor RN2421 Datasheet HTML 2Page - Toshiba Semiconductor RN2421 Datasheet HTML 3Page - Toshiba Semiconductor RN2421 Datasheet HTML 4Page - Toshiba Semiconductor RN2421 Datasheet HTML 5Page - Toshiba Semiconductor RN2421 Datasheet HTML 6Page - Toshiba Semiconductor RN2421 Datasheet HTML 7Page - Toshiba Semiconductor RN2421 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN2421~RN2427
2001-11-29
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2421,RN2422,RN2423,RN2424
RN2425,RN2426,RN2427
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l High current type (IC(MAX) = −800mA)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Low VCE (sat)
l Complementary to RN1421~RN1427
Equivalent Circuit and Bias Resistor Values
Maximum Ratings (Ta = 25
°°°°C)
Characteristics
Symbol
Rating
Unit
Collector-Base voltage
VCBO
−50
V
Collector-Emitter voltage
RN2421~2427
VCEO
−50
V
RN2421~2424
−10
RN2425, 2426
−5
Emitter-Base voltage
RN2427
VEBO
−6
V
Collector current
Ic
−800
mA
Collector power dissipation
Pc
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2421~2427
Tstg
−55~150
°C
Unit: mm
JEDEC
―
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)
Type No.
R1 (kΩ)R2 (kΩ)
RN2421
1
1
RN2422
2.2
2.2
RN2423
4.7
4.7
RN2424
10
10
RN2425
0.47
10
RN2426
1
10
RN2427
2.2
10


Similar Part No. - RN2421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN242 ETC2-RN242 Datasheet
691Kb / 5P
Current-compensated Chokes
logo
Schaffner International...
RN242-0.5-02-82M SCHAFFNER-RN242-0.5-02-82M Datasheet
1Mb / 9P
Current-compensated Chokes
RN242-1-02-33M SCHAFFNER-RN242-1-02-33M Datasheet
1Mb / 9P
Current-compensated Chokes
logo
List of Unclassifed Man...
RN242-1.4-02 ETC2-RN242-1.4-02 Datasheet
700Kb / 6P
Current-compensated Chokes
May 2011
logo
Schaffner International...
RN242-1.4-02-27M SCHAFFNER-RN242-1.4-02-27M Datasheet
1Mb / 9P
Current-compensated Chokes
More results

Similar Description - RN2421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2101 TOSHIBA-RN2101_07 Datasheet
572Kb / 8P
Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2321A TOSHIBA-RN2321A Datasheet
206Kb / 11P
Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2907 TOSHIBA-RN2907_07 Datasheet
313Kb / 6P
Silicon PNP Epitaxial Type (PCT Process)Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com