Electronic Components Datasheet Search
  English  ▼

X  

MAS6501BA1WA300 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6501BA1WA300
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1WA300 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6501BA1WA300 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 9Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 10Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 11Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 12Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 13Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 14Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 15Page - Micro Analog systems MAS6501BA1WA300 Datasheet HTML 16Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DA6501.001
27 October 2008
12 (16)
PIN CONFIGURATION & TOP MARKING FOR PLASTIC TSSOP-16 PACKAGE
EOC
VDD
MCLK
XCLR
SDA
SCL
GND
COMMON
PI
TE2
NI
TE1
Top Marking Definitions:
zz = Version
YYWW = Year Week
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
1
NC
EOC
2
DO
End of Conversion
VDD
3
P
Power Supply
MCLK
4
DI
Master Clock
XCLR
5
DI
Clear I2C, Stop Conversion
SDA
6
DI/O
Serial Bus Data Input/Output
SCL
7
DI
Serial Bus Clock
8
NC
TE1
9
DI/O
Test Pin 1
Pin must be left floating
NI
10
AI
ADC Negative Input
TE2
11
DI
Test Pin 2
Pin must be left floating
PI
12
AI
ADC Positive Input
COMMON
13
AI
Sensor Ground
14
NC
GND
15
G
Supply Ground
16
NC
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com