Electronic Components Datasheet Search
  English  ▼

X  

PT6301 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT6301
Description  5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6301 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT6301 Datasheet HTML 1Page - Princeton Technology Corp PT6301 Datasheet HTML 2Page - Princeton Technology Corp PT6301 Datasheet HTML 3Page - Princeton Technology Corp PT6301 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6301 V1.0
- 2 -
September, 2006
5 x 7 Dot Character x 20-Digit x 2-Line Display
Controller/Driver with Character RAM
PT6301
PIN CONFIGURATION
10 7 D - G N D
10 6 L- G N D
10 5 V DD
10 4 O S C
10 3 RE SE T
10 2 C S
10 1 C P
10 0 D A
98 T E S T
97 VDD
96 L- G ND
95 D - GN D
1 V DI SP
2 C O M10
10 C O M2
94 VD ISP
3 C O M9
4 C O M8
5 C O M7
6 C O M6
7 C O M5
8 C O M4
9 C O M3
11 CO M 1
12 A D B
20 SE G B8
13 SE G B1
14 SE G B2
15 SE G B3
16 SE G B4
17 SE G B5
18 SE G B6
19 SE G B7
21 SE G B9
22 SE G B1 0
30 SE G B1 8
23 SE G B11
24 SE G B1 2
25 SE G B1 3
26 SE G B1 4
27 SE G B1 5
28 SE G B1 6
29 SE G B1 7
31 SE G B1 9
32 SE G B2 0
40 SE G B2 8
33 SE G B2 1
34 SE G B2 2
35 SE G B2 3
36 SE G B2 4
37 SE G B2 5
38 SE G B2 6
39 SE G B2 7
41 SE G B2 9
42 SE G B3 0
50 SE G A3
43 SE G B3 1
44 SE G B3 2
45 SE G B3 3
46 SE G B3 4
47 SE G B3 5
48 SE G A1
49 SE G A2
51 SE G A4
52 SE G A5
60 SE G A1 3
53 SE G A6
54 SE G A7
55 SE G A8
56 SE G A9
57 SE G A1 0
58 SE G A11
59 SE G A1 2
61 SE G A1 4
62 SE G A1 5
70 SE G A2 3
63 SE G A1 6
64 SE G A1 7
65 SE G A1 8
66 SE G A1 9
67 SE G A2 0
68 SE G A2 1
69 SE G A2 2
71 SE G A2 4
72 SE G A2 5
80 SE G A3 3
73 SE G A2 6
74 SE G A2 7
75 SE G A2 8
76 SE G A2 9
77 SE G A3 0
78 SE G A3 1
79 SE G A3 2
81 SE G A3 4
82 SE G A3 5
90 C O M1 7
83 A D A
84 C O M11
85 C O M1 2
86 C O M1 3
87 C O M1 4
88 C O M1 5
89 C O M1 6
91 C O M1 8
92 C O M1 9
93 C O M2 0
99 D O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com