Electronic Components Datasheet Search
  English  ▼

X  

MVIH Datasheet(PDF) 1 Page - MMD Components

Part # MVIH
Description  5mm x 7mm HCMOS VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVIH Datasheet(HTML) 1 Page - MMD Components

  MVIH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MVIH032807K
MVIH Series – 5mm x 7mm HCMOS VCXO
Hermetically Sealed Ceramic SMD Package
+2.5VDC, +3.3VDC, or +5.0VDC Supply Voltage
Tape and Reel Available
RoHS Compliant
ELECTRICAL SPECIFICATIONS:
Supply Voltage (Vdd)
+2.5VDC ±10%
+3.3DC ±10%
+5.0VDC ±10%
Frequency Range
1.544MHZ TO 180.000MHZ
1.544MHZ TO 50.000MHZ
Frequency Stability at +25°C
±10 ppm
Frequency Stability (Inclusive of Temp., Load,
Voltage and Aging)
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-40°C to +85°C
Supply Current
60mA max
60mA max
85mA max
Load
15pF
30pF
30pF
Output
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Symmetry (50% of waveform)
40%/60%
Rise / Fall Time (10% to 90%)
10nSec max
Start Time
10mSec max
Control Voltage
1.25 VDC ±1.00 VDC
1.65 VDC ±1.50 VDC
2.50 VDC ±2.00 VDC
Linearity
(See Part Number Guide for Options)
Pullability
(See Part Number Guide for Options)
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS:
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Reflow Solderability
260°C for 10 seconds
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
MECHANICAL DIMENSIONS:
EXTERNAL BYPASS CAPACITOR RECOMMENDED
RECOMMENDED
LAND PATTERN
SUPPLY VOLTAGE
TRI-STATE OR NO CONNECTION
OUTPUT
CASE GROUND
TRI-STATE OR NO CONNECTION
VOLTAGE CONTROL
1.40 [.055]
DIMENSIONS IN BRACKETS ARE IN INCHES
5.20 [.205]
MAX
7.20 [.283]
MAX
4
1.30 [.051]
3
2.54 [.100]
1.80 [.071]
2.00 [.079]
2.54 [.100]
2.40 [.094]
6
5
1
2
2.54 [.100]
2.54 [.100]
4.20 [.165]
PIN 4
PIN 6
PIN 5
PIN 1
PIN 3
PIN 2
PIN CONNECTIONS
1.70 [.067]
MAX
PART NUMBERING GUIDE:
Output
H = HCMOS
Frequency
Stability
010 = ±10 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Pullability
D = ±50 ppm min
P = ±80 ppm min
C = ±100 ppm min
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
Pin 2 & 5 Connection
H = Pin 2-Tri-state, Pin 5-N/C
Blank = Pins 2 & 5 = N/C
T = Pins 2 & 5 = Tri-state
Packaging
Blank = Bulk
T = Tape and Reel
MVI
Frequency
H
5 x 7 Ceramic SM VCXO 6 Pads
Please Consult with MMD Sales Deparment for any other Parameters or Options
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MVIH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVIH MMD-MVIH Datasheet
137Kb / 2P
MVIH Series VCXO
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
MVIH5 MMD-MVIH5 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
MVIH MMD-MVIH_13 Datasheet
137Kb / 2P
MVIH Series VCXO
More results

Similar Description - MVIH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI3050H48 ETC1-MI3050H48 Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
logo
Vectron International, ...
VVD2 VECTRON-VVD2 Datasheet
98Kb / 2P
HCMOS 9.6 x 14.4 x 4.5 VCXO
logo
Fox Electronics
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
HCMOS 5 x 3.2mm 3.3V VCXO
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
HCMOS 5 x 3.2mm 2.5V VCXO
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
7 x 5mm SMD HCMOS
logo
MMD Components
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
5mm X 7mm X 4 Pads Ceramic Package
MVKH MMD-MVKH_12 Datasheet
55Kb / 1P
HCMOS VCXO
logo
LUMEX INC.
OED-HPIRC572L140 LUMEX-OED-HPIRC572L140 Datasheet
74Kb / 1P
5mm X 7mm Right Angle PhotoDiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com