Electronic Components Datasheet Search
  English  ▼

X  

MAL2020C Datasheet(PDF) 1 Page - MMD Components

Part # MAL2020C
Description  Industry Standard Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAL2020C Datasheet(HTML) 1 Page - MMD Components

  MAL2020C Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MAP060607H
MAP, MAL, and MAV Series
Industry Standard Package
Wide Frequency Range
RoHS Compliant Available
Less than 1 pSec Jitter
ELECTRICAL SPECIFICATION:
LVDS
LVPECL
PECL
Frequency Range
12.500MHz to 800.000MHZ
Frequency Stability*
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Aging
±5 ppm / yr max
Logic “0”
1.43V typ
Vdd – 1.620 VDC max
Vdd – 1.620 VDC max
Logic “1”
1.10V typ
Vdd- 1.025 vdc min
Vdd- 1.025 vdc min
2.5VDC ± 5%
50 mA max
50 mA max
N/A
3.3VDC ± 5%
60 mA max
60 mA max
N/A
Supply Voltage (Vdd)
Supply Current
5.0VDC ± 5%
N/A
N/A
140 mA max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise / Fall Time (20% to 80%)
2nSec max
Load
50 Ohms into Vdd-2.00 VDC
Start Time
10mSec max
Phase Jitter (12kHz to 20MHz)
Less than 1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temp., Load, Voltage and Aging
MECHANICAL DIMENSIONS:
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
1
14
8
7
5.08 [.200]
DIMENSIONS IN BRACKETS ARE IN INCHES
Black Dot to Denote Pin 1
5.08 [.200]
MAX
9
2.54 [.100]
.46 [.018]
OPTIONAL PIN
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
SUPPLY VOLTAGE
COMPL. OUTPUT
PIN 14
PIN 9
OUTPUT
TRI-STATE
CASE GROUND
5A PACKAGE OPTION
PIN 8
PIN 7
PIN 1
OUTPUT
SUPPLY VOLTAGE
CASE GROUND
PIN 8
PIN 14
PIN 7
NC, TRI-STATE OR
COMPL. OUTPUT
A PACKAGE OPTION
PIN 1
PART NUMBERING GUIDE:
FREQUENCY
Package Options
A = 14DIP/4
5A = 14DIP/5 (Pin 9)
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Pin 1 Connection
Blank = No connection
C = Compl. Output
H = Tri-state*
Operating
Temperature
Blank = 0°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Value Added Options
Blank = No Added Options
G = Gull-Wing
CLXXX = Cuts Lends
XXX = Lead Lenght
Please Consult with MMD Sales Deparment for any other Parameters or Options
* Pin 1 Connection must be Tri-state when using Pin 9 option.
M
Output
L = LVPECL
V = LVDS
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
P = PECL
5 = +5.0 VDC
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MAL2020C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL202114103E3 VISHAY-MAL202114103E3 Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL202114152E3 VISHAY-MAL202114152E3 Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL202114153E3 VISHAY-MAL202114153E3 Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL202114222E3 VISHAY-MAL202114222E3 Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL202114332E3 VISHAY-MAL202114332E3 Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
More results

Similar Description - MAL2020C

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
Industry Standard Package
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
Industry Standard Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com