Electronic Components Datasheet Search
  English  ▼

X  

WC26SM Datasheet(PDF) 1 Page - MMD Components

Part # WC26SM
Description  32.768 KHz Clock Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WC26SM Datasheet(HTML) 1 Page - MMD Components

  WC26SM Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision3/27/06 E
WC26SM 32.768 KHz Clock Crystal Spec
Surface Mountable Clock Crystal
32.768 KHz
Small Compact Size
ELECTRICAL SPECIFICATIONS:
Frequency
32.768 KHz
Tolerance at +25°C
See Part Number Guide for Options
Stability
-0.034 ppm (±0.006)/°2(T-To)2
Aging
±5 ppm./ yr
Shunt Capacitance
1.5 pF
Load Capacitance
12.5 pF TYP
Motional Capacitance
0.003 pF TYP
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Equivalent Resistance
50k Ohms Max
Drive Level
1 µW Max
Temperature Coefficient
0.04 ppm / ° C
Insulation Resistance
500 Megaohms Min / DC 100 V
Shock Resistance
±5 ppm Max (Drop test 3 times on a hard board from 75 cm)
MECHANICAL DETAILS:
0.25 [.010]
0.25 [.010]
1.90 [.075]
3.25 [ .12 8]
6.50 [ .256] M A X
2 .00 [ .079]
4.05 [ .15 9]
2.54 [.100]
2.95 [ .116]
2.30 [ .091]
3.80 [.150 ]
3.40 [.134]
2.00 [ .079]
1 .70 [ .067]
1.0 0 [.039]
1.70 [.067]
1.70 [ .06 7]
CL
L
C
GL UE P A D
0.25 [.010 ]
DIM E NS IO NS IN B R AC K E T S AR E IN IN C H E S
R E C O M M E N D P AD L AYOUT
3.30 [.130] M A X
MECHANICAL DETAILS:
32.768KHZ
Please consult with MMD sales department for any other parameters or options.
WC26SM
Frequency Tolerance
Load Capacitance
Blank = 12.5pF
6 = 6pF
RoHS Compliant
Blank = Not Compliant
F = Is Compliant
Blank = No Added Options
T = Tape and Reel
Value Added Options
C = ±10 ppm
D = ±20 ppm
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomponents.com
Sales@mmdcomp.com


Similar Part No. - WC26SM

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
101Kb / 2P
WC26SM Series Crystal
WC26SM MMD-WC26SM_12 Datasheet
101Kb / 2P
WC26SM Series Crystal
More results

Similar Description - WC26SM

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3200 ICST-MK3200 Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Mercury United Electron...
SSG MERCURY-SSG Datasheet
134Kb / 1P
32.768 KHz Surface Mount Crystal
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
Watch Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
Tuning Fork Crystal 32.768 kHz
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
Tuning Fork Crystal 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
32.768 KHZ CLOCK OSCILLATOR
073012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com