Electronic Components Datasheet Search
  English  ▼

X  

MTTAS215D Datasheet(PDF) 2 Page - MMD Components

Part # MTTAS215D
Description  5 x 3.2 Ceramic SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTTAS215D Datasheet(HTML) 2 Page - MMD Components

  MTTAS215D Datasheet HTML 1Page - MMD Components MTTAS215D Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
●
●
●
G
0°C TO +70°C
●
●
●
●
●
C
-20°C TO +70°C
●
●
●
●
D
-30°C TO +70°C
●
●
●
●
E
-30°C TO +80°C
●
●
●
●
F
-40°C TO +85°C
●
●
●
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
OUTPUT
PIN 3
LAND PATTERN
RECOMMENDED
EXTERNAL BYPASS CAPACITOR RECOMMEND
DIMENSIONS IN BRACKETS ARE IN INCHES
SUPPLY VOLTAGE
PIN 4
VOLTAGE CONTROL
GROUND, NC, OR
CASE GROUND
PIN 2
PIN 1
PIN CONNECTIONS
5.20 [.205]
MAX
3.40 [.134]
MAX
1.70 [.067]
MAX
1.60 [.063]
0.70 [.028]
1.27 [.050]
0.60 [.024]
2.90 [.114]
1.00 [.039]
1.50 [.059]
0.90 [.035]
THESE 4 PADS ARE NOT TO BE
CONNECTED TO ANY EXTERNAL SOURCES.
21
34
2.90 [.114]
0.95 [.037]
ENVIRONMENT / MECHANICAL:
MARKING DETAIL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
Line 1 = MXXXXX
M
=
MMD COMPONENTS
XXXXX
=
Frequency in MHZ
Line 2 = SYYMML
S
=
Internal Code
YYMM
=
4 Digit Date Code (Year / Month)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
TAPE and DIMENSIONS:
PHASE NOISE:
100.00 [3.937]
330.00 [12.992]
12.40 [.488]
18.40 [.724]
13.00 [.512]
21.00 [.827]
2.00 [.079]
5.50 [.217]
12.00 [.472]
2.00 [.079]
4.00 [.157]
Ø1.50 [Ø.059]
5.50 [.217]
3.45 [.136]
Ø1.50 [Ø.059]
1.75 [.069]
8.00 [.315]
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTTAS08/14/07E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com