Electronic Components Datasheet Search
  English  ▼

X  

MOBH Datasheet(PDF) 1 Page - MMD Components

Part # MOBH
Description  Oven Controlled Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOBH Datasheet(HTML) 1 Page - MMD Components

  MOBH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision: 02/23/07 C
MOBH and MOBZ Series / 1” Square, 14 pin DIP Compatible OCXO
Oven Controlled Oscillator
1.0 MHz to 150.0 MHz Available
SC Crystal Option
-40
°C to 85° Available
±10ppb to ±500ppb
PART NUMBERING GUIDE:
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.0 MHz to 150.0MHz
Frequency Stability
±10ppb to ±500ppb
Operating Temperature
-40
°C to 85°C max*
* All stabilities not available, please consult MMD for
availablity.
Storage Temperature
-40
°C to 95°C
Sinewave
±3 dBm
50Ω
Output
HCMOS
10% Vdd max
90% Vdd min
30pF
Supply Voltage (Vdd)
5.0V
12.0V
typ
300mA
120mA
Supply Current
max
500mA
250mA
Warm-up Time
4min. @ 25
°C
Input Impedance
100K Ohms typical
Crystal
AT or SC Cut options
Phase Noise @ 10MHZ
SC
AT
10 Hz Offset
-105dBc
-91dBc
100 Hz Offset
-125dBc
-120dBc
1000 Hz Offset
-140dBc
-135dBc
10K Hz Offset
-145dBc
-138dBc
Voltage Control 0 to VCC
±3ppm typ.
±10ppm typ.
MOB 5 H S 100 B
Frequency
Aging (after 30 days)
±0.1ppm/yr.
±1.0ppm/yr.
MECHANICAL DETAILS:
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomponents.com
Sales@mmdcomp.com
Operating Temperature
A = 0ºC to 50ºC
B = -10ºC to 60ºC
C = -20ºC to 70ºC
D = -30ºC to 70ºC
E = -30ºC to 80ºC
F = -40ºC to 85ºC
Supply
Voltage
5 = 5 Volt
12 = 12 Volt
Frequency Stability
010 = ±10ppb
050 = ±50ppb
100 = ±100ppb
500 = ±500ppb
Output Type
H = HCMOS
Z = Sinewave
Crystal Cut
Blank = AT Cut
S = SC Cut
Pin Connections
Pin 1 = Vc
Pin 7 = Ground
Pin 8 = Output
Pin 14 = Supply Voltage


Similar Part No. - MOBH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOBH MMD-MOBH Datasheet
126Kb / 2P
MOBH & MOBZ Series ??1??Sq. 14 Pin Compatible OCXO
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOBH MMD-MOBH_12 Datasheet
126Kb / 2P
MOBH & MOBZ Series ??1??Sq. 14 Pin Compatible OCXO
More results

Similar Description - MOBH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MOAH MMD-MOAH Datasheet
120Kb / 1P
Oven Controlled Oscillator
MOCH MMD-MOCH Datasheet
130Kb / 1P
Oven Controlled Oscillator
MODZ MMD-MODZ Datasheet
147Kb / 1P
Oven Controlled Oscillator
MOFH MMD-MOFH Datasheet
91Kb / 1P
Oven Controlled Oscillator
MOEH MMD-MOEH Datasheet
127Kb / 1P
Oven Controlled Oscillator
MOAH3 MMD-MOAH3 Datasheet
108Kb / 2P
Oven Controlled Oscillator
MOBH5 MMD-MOBH5 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOCH15 MMD-MOCH15 Datasheet
111Kb / 2P
Oven Controlled Oscillator
MODZ12 MMD-MODZ12 Datasheet
126Kb / 2P
Oven Controlled Oscillator
MOFH12 MMD-MOFH12 Datasheet
122Kb / 2P
Oven Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com