Electronic Components Datasheet Search
  English  ▼

X  

MXH Datasheet(PDF) 1 Page - MMD Components

Part # MXH
Description  2.0 x 2.5 Ceramic SMD Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MXH Datasheet(HTML) 1 Page - MMD Components

  MXH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MXH112007 C
MXH Series – 2.0 x 2.5 Ceramic SMD Oscillator
Low Profile SMD Package
Hermetically Sealed
RoHS Compliant
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.544MHZ to 80.000MHZ
Temperature Stability*
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-40°C to +85°C
Aging (+25°C ±3°C)
±5ppm for first year
Supply Voltage ±10% (Vdd)
+1.80 VDC
+2.50 VDC
+3.30 VDC
+5.00 VDC
1.544MHZ to 9.999MHZ
6mA max
7mA max
8mA max
10mA max
10.000MHZ to 34.999MHZ
7mA max
8mA max
10mA max
20mA max
35.000MHZ to 49.999MHZ
15mA max
20mA max
25mA max
50mA max
Supply Current
50.000MHZ to 80.000MHZ
25mA max
30mA max
35mA max
60mA max
Waveform
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Rise/Fall Time (10% to 90% of Supply Voltage)
4nSec
Symmetry (50% of waveform)
40%/60% (45%/55% optional)
Start-up Time
10mSec max
Absolute Clock Period Jitter
40pSec
Tri-State Operation
Voh = 70% of Vdd min to Enable Output
Vol = 30% max or grounded to Disable Output (High
Impedance)
MECHANICAL DIMENSIONS:
2.60 [.102]
MAX
2.10 [.083]
MAX
0.90 [.035]
MAX
0.90 [.035]
0.70 [.028]
0.65 [.026]
0.80 [.031]
1
2
34
0.50 [.020]
0.30 [.012]
RECOMMENDED
LAND PATTERN
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
OUTPUT
PIN 3
SUPPLY VOLTAGE
PIN 1
PIN 2
PIN CONNECTIONS
TRI-STATE
CASE GROUND
PIN 4
1.10 [.043]
0.95 [.037]
PART NUMBER GUIDE:
2.0 X 2.5 Ceramic SMD
MX
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40/60%
A = 45/55%
Packaging
Blank = Bulk
T = Tape and Reel
H = HCMOS
Output
Frequency
Stability
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Pin 1 Connection
H = Tri-state
H
Supply Voltage
1 = +1.8 VDC
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MXH

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
MMD Components
MXH MMD-MXH Datasheet
131Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
MXH1 MMD-MXH1 Datasheet
119Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
Low Profile SMD Package
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
Temperature and Humidity sensor IC
More results

Similar Description - MXH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
MXC MMD-MXC_12 Datasheet
122Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillatorr
MXH MMD-MXH_12 Datasheet
131Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
MXH1 MMD-MXH1_12 Datasheet
119Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0078-PY-TYPE TAITIEN-XO-0078-PY-TYPE Datasheet
387Kb / 1P
2.5 x 2.0 mm SMD Crystal Oscillator
XO-0079-OY-TYPE TAITIEN-XO-0079-OY-TYPE Datasheet
342Kb / 1P
2.5 x 2.0 mm SMD Crystal Oscillator
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com