| Electronic Components Datasheet Search |
|
AT88SC018 Datasheet(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT88SC018 Datasheet(HTML) 13 Page - ATMEL Corporation |
|
13 / 33 page ![]() CryptoCompanion Chip 13 5277C–CryptoCompanion–9/09 1.5.13. Memory Initialization Values Upon shipment from the Atmel factory, the following locations will have predefined values. The contents of all other locations are not guaranteed by Atmel. Table 11. Predefined Initial Memory Values Name Initial Value SHA Constant Defined by FIPS PUB 180-1.This is written at the Atmel factory and cannot subsequently be changed. EncKey Customer Specific, Contact Atmel. See Section 1.5.2 for more details. ManufacturingID A unique value for all AT88SC018 chips, see Section 1.5.3 Lock xxxx_xx10 or xxxx_xx00, per Sections 1.5.1 & 1.5.2. Consult Atmel for ordering information. RNGSeed Random values for each AT88SC018. See Section 1.5.6 Dev TWI bus address, shipped as 0xC0. See Section 1.5.4 CF0 – CF15 Random values for each AT88SC018. See Section 1.5.10 Certain values within the AT88SC018 memory array MUST be properly programmed prior to locking of the memory. Failure to properly initialize these locations will result in unpredictable and/or unsecure operation of the part. Table 12. Customer Defined Memory Values Name Initial Value SystemSecret, CmcSecret These values are used to perform a mutual authentication between the AT88SC018 and the system processor. See the Startup (Section 3.2) and ChallengeResponse (Section 3.3) for more details. RW_Bound The boundary between ReadOnly and ReadWrite memory. See Sections 1.5.7 & 1.5.8 for more information. F_Bound Controls the number of F secrets in the array, see Section 1.5.9 for value limitations. Mode The lower 2 bits control the way in which VerifyFlash is run, see Section 3.1 for more details. The upper 5 bits MUST be ‘0’ for proper operation; other values may result in security or functional issues. FlashDigest If Mode.Bit[1:0] is set to 0, then this must be set to the proper value per the descriptions in the VerifyFlash command, see Section 3.1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |