Electronic Components Datasheet Search
  English  ▼

X  

XSCC1 Datasheet(PDF) 1 Page - MMD Components

Part # XSCC1
Description  2mm X 2.5mm 4 Pads Ceramic Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

XSCC1 Datasheet(HTML) 1 Page - MMD Components

  XSCC1 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X Series Crystal
2mm X 2.5mm 4 Pads Ceramic Package
Ultra-miniature Profile
RoHS Compliant
Tape and Reel Packaging
ELECTRICAL SPECIFICATIONS:
ESR CHART:
Frequency Range
ESR (Ohms)
Mode / Cut
16.000MHZ to 19.999MHZ
120 Max
Fund / AT
20.000MHZ to 29.999MHZ
80 Max
Fund / AT
30.000MHZ to 60.000MHZ
50 Max
Fund / AT
MARKING:
Frequency Range
16.000MHZ to 60.000MHZ
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±2ppm / per year
Shunt Capacitance
3pF Max
Load Capacitance
10pF Standard
(See Part Number Guide for Options)
Equivalent Series Resistance
See ESR Chart
Drive Level
100µW Max
Insulation Resistance
500 Megaohms Min at 100VDC
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Solvent Resistance
MIL-STD-202, Meth 215
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
MECHANICALS DETAIL:
2.60 [.102]
MAX
2.10 [.083]
MAX
0.55 [.022]
MAX
0.90 [.035]
0.70 [.028]
0.65 [.026]
0.80 [.031]
1
2
34
0.50 [.020]
0.30 [.012]
1.00 [.039]
1.20 [.047]
NOTE 1
DIMENSIONS IN BRACKETS ARE IN INCHES
RECOMMENDED
LAND PATTERN
NOTE 1: PIN 2 AND PIN 4 ARE INTERNALLY CONNECTED AND SHOULD NOT BE CONNECTED TO EXTERNAL SOURCES FOR PROPER FUNCTION.
PART NUMBER GUIDE:
Frequency
* Please consult with MMD sales department for any other parameters or options.
Value Added Options
Blank = No Added Options
T = Tape and Reel
Mode of Operation
1 = Fundamental
2mm X 2.5mm Ceramic
4 Pads
X
Load Capacitance
S = Series
10 = 10pF (Standard)
XX = XXpF (8pF to 12pF)
Temperature
Tolerance/Stability*
A = ±50 ppm / ±100 ppm
B = ±30 ppm / ±50 ppm
C = ±15 ppm / ±30 ppm
D = ±10 ppm / ±15 ppm
E = ±50 ppm / ±50 ppm
1
Operating Temperature
A = 0°C to +70°C
B = -20°C to +70°C
C = -40°C to +85°C
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision X101507C


Similar Part No. - XSCC1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XSCBD23MB SUNLED-XSCBD23MB Datasheet
229Kb / 3P
Low power consumption
XSCBD43MB SUNLED-XSCBD43MB Datasheet
230Kb / 3P
Available on tape and reel
logo
Advantech Co., Ltd.
XSCH-B001120414 ADVANTECH-XSCH-B001120414 Datasheet
747Kb / 2P
EN60945 Compliant 4U System for Maritime Applications
XSCH-B001120414 ADVANTECH-XSCH-B001120414 Datasheet
747Kb / 2P
EN60945 Compliant 4U System for Maritime Applications
More results

Similar Description - XSCC1

ManufacturerPart #DatasheetDescription
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
5mm X 7mm X 4 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
JSAA1 MMD-JSAA1 Datasheet
88Kb / 1P
5mm X 3.2mm X 4 Pads Ceramic Package
logo
Vectron International, ...
VXC1-1133-26M5625000 VECTRON-VXC1-1133-26M5625000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M000000 VECTRON-VXC1-1134-25M000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M0000000 VECTRON-VXC1-1134-25M0000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
logo
MMD Components
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
5mm x 7mm 6 Pads Ceramic Package
MIMH3 MMD-MIMH3 Datasheet
53Kb / 1P
5 x 7 Ceramic SMD 4 Pads Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com