Electronic Components Datasheet Search
  English  ▼

X  

CGA-6618 Datasheet(PDF) 9 Page - RF Micro Devices

Part # CGA-6618
Description  DUAL CATV 1MHz to 1000MHz HIGH LINEARITY GaAs HBT AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA-6618 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button CGA-6618 Datasheet HTML 2Page - RF Micro Devices CGA-6618 Datasheet HTML 3Page - RF Micro Devices CGA-6618 Datasheet HTML 4Page - RF Micro Devices CGA-6618 Datasheet HTML 5Page - RF Micro Devices CGA-6618 Datasheet HTML 6Page - RF Micro Devices CGA-6618 Datasheet HTML 7Page - RF Micro Devices CGA-6618 Datasheet HTML 8Page - RF Micro Devices CGA-6618 Datasheet HTML 9Page - RF Micro Devices CGA-6618 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
EDS-101993 Rev L
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-6618(Z)
Suggested Pad Layout
Package Drawing and Marking
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1RF IN
Device 1. RF input pin. This pin requires the use of an external DC-blocking capacitor as shown in the schematic.
2, 3,
6, 7
GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as
possible.
4RF IN
Device 2. RF input pin. This pin requires the use of an external DC-blocking capacitor as shown in the schematic.
5RF OUT/VCC Device 2. RF output and bias pin. Bias should be supplied to this pin through an external series resistor and RF
choke inductor. Because DC biasing is present on this pin, a DC-blocking capacitor should be used in most appli-
cations. The supply side of the bias network should be well bypassed.
8RF OUT/VCC Device 1. Same as pin 5.
EPAD
GND
Exposed area on the bottom side of the package must be soldered to the ground plane of the board for optimum
thermal and RF performance. Several vias should be located under the EPAD as shown in the recommended
land pattern.
PCB Pad Layout
Dimensions in inches [millimeters]
Sized for 31 mil thick FR-4
Lot Code
CGA6618
.088 [2.25]
DETAIL A
.061 [1.549]
.155 [3.937]
.025
.013 [.33] x 45°
.008
.003 [.076]
SEATING PLANE
1
5
3
2
BOTTOM VIEW
.058 [1.473]
TOP VIEW
SIDE VIEW
END VIEW
PARTING LINE
.008 [.203]
4
6
7
8
.194 [4.93]
.061 [1.549]
.016 [.406]
.050 [1.27]
.194 [4.928]
5°
SEE DETAIL A
.236 [5.994]
.155 [3.937]
EXPOSED PAD
.112
[2.85]
PACKAGE TYPE:
ESOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com