Electronic Components Datasheet Search
  English  ▼

X  

MSH Datasheet(PDF) 1 Page - MMD Components

Part # MSH
Description  3.2 X 2.5 Ceramic SMD Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MSH Datasheet(HTML) 1 Page - MMD Components

  MSH Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision 12/18/06 D
MSH Series – 3.2 X 2.5 Ceramic SMD Oscillator
Low Profile SMD Device
Hermetically Sealed
Tri-state Function
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.544MHZ to 70.000MHZ
1.544MHZ to 110.000MHZ
Temperature Stability*
(See Part Number Guide for Options)
Aging (+25°C ±3°C)
±5ppm First Year
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (±10%)
+1.80VDC
+2.50VDC
+3.30VDC
1.544MHZ to 9.999MHZ
10mA max
12mA max
14mA max
10.000MHZ to 35.999MHZ
12mA max
14mA max
16mA max
35.000MHZ to 49.999MHZ
15mA max
20mA max
25mA max
Supply Current
50.000MHZ to 125.000MHZ
25mA max
30mA max
35mA max
Output Type
HCMOS
Symmetry (50% of waveform)
40%/60% (45%/55% Option)
Rise/Fall Time (10% to 90% of Supply Voltage)
5nSEC
6nSEC
7nSEC
Load
15pF
Start-up Time
2 mSec max
* Inclusive of Temperature., Load, Voltage and Aging
MECHANICAL DIMENSIONS:
LOGIC "1"
OR N/C
LOGIC "0"
OR GRD
OSCILLATION
HIGH
IMPEDANCE
PIN 1
PIN 3
TRI-STATE OPERATION
PIN 1
PIN 2
PIN 3
PIN 4
TRI-STATE
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
RECOMMENDED
LAND PATTERN
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
3.40 [.134]
MAX
2.70 [.106]
MAX
1.30 [.051]
MAX
2.10 [.083]
1.60 [.063]
1.00 [.039]
0.90 [.035]
2.10 [.083]
1.60 [.063]
1.20 [.047]
1.10 [.043]
2
34
1
PIN CONNECTIONS
PART NUMBER GUIDE:
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Operating Temperature
Blank = 40/60%
A = 45/55%
3 = +3.3VDC
2 = +2.5VDC
1 = +1.8VDC
Supply Voltage
H = HCMOS
Output
3.2 x2.5 Ceramic SMD
4 Pads
Frequency
Stability
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
H
MS
Value Added Options
Blank = No Added Options
T = Tape and Reel
Pin 1 Connection
H = Tri-state
S = Standby
Symmetry
Frequency
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MSH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
104Kb / 2P
MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
logo
Volgen Kaga Electronics...
MSH-0505D VOLGEN-MSH-0505D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0509D VOLGEN-MSH-0509D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0512D VOLGEN-MSH-0512D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0515D VOLGEN-MSH-0515D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

Similar Description - MSH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH_13 Datasheet
104Kb / 2P
MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM3 TRANSKO-TISM3 Datasheet
314Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com