Electronic Components Datasheet Search
  English  ▼

X  

HWS600 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # HWS600
Description  Single Output Industrial Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

HWS600 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  HWS600 Datasheet HTML 1Page - RSG Electronic Components GmbH HWS600 Datasheet HTML 2Page - RSG Electronic Components GmbH HWS600 Datasheet HTML 3Page - RSG Electronic Components GmbH HWS600 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HWS300-1500 Series
2
Model Selector
Adjust
Max
Peak
Max.
Peak
Load
Line
Ripple
Over-
Eff.
Voltage
Range
Curr.
Curr.
Pwr.
Power
Reg
Reg
Noise
voltage
typ
Model
V
V(3)
A
A(2)
W
W
mV
mV
mV
V
% (1)
HWS300-3
3.3V
2.64 - 3.96
60
-
198
30
20
120
4.13 - 4.95
74/77
HWS600-3
3.3V
2.64 - 3.96
120
-
396
30
20
120
4.13 - 4.95
75/78
HWS1000-3
3.3V
2.64 - 3.96
200
660
40
20
120
4.13 - 4.62
71/73
HWS1500-3
3.3V
2.64 - 3.96
300
990
60
36
150
4.12 - 4.62
72/75
HWS300-5
5V
4 - 6
60
-
300
30
20
120
6.25 -7.25
79/82
HWS600-5
5V
4 - 6
120
-
600
30
20
120
6.25 -7.25
80/83
HWS1000-5
5V
4 - 6
200
1000
40
20
120
6.25 - 7
76/78
HWS1500-5
5V
4 - 6
300
1500
60
36
150
4.0 - 6.0
77/81
HWS1000-6
6V
4.8 - 7.2
167
1002
60
36
150
7.5 - 8.4
79/81
HWS1500-6
6V
4.8 - 7.2
250
300
1500
1800
60
40
150
4.8 - 7.2
79/82
HWS1000-7
7.5V
6 - 9V
134
160
1005
1200
60
36
150
9.38 - 10.5
80/82
HWS1500-7
7.5V
6 - 9V
200
240
1500
1800
60
40
150
6.0 - 9.0
81/83
HWS300-12
12V
9.6 - 14.4
27
-
324
72
48
150
15 - 17.4
80/83
HWS600-12
12V
9.6 - 14.4
53
-
636
72
48
150
15 - 17.4
80/83
HWS1000-12
12V
9.6 - 14.4
88
100
1056
1200
100
48
150
15 - 17.4
82/85
HWS1500-12
12V
9.6 - 14.4
125
-
1500
72
48
150
15 - 17.4
82/85
HWS300-15
15V
12 - 18
22
-
330
90
60
150
18.8 - 21.8
80/83
HWS600-15
15V
12 - 18
43
-
645
90
60
150
18.8 - 21.8
81/84
HWS1000-15
15V
12 - 18
70
80
1050
1200
120
60
150
18.8 - 21.8
83/85
HWS1500-15
15V
12 - 18
100
-
1500
90
60
150
18.7 - 21.8
83/87
HWS300-24
24V
19.2 - 28.8
14
16.5
336
396
144
96
150
30 - 34.8
82/85
HWS600-24
24V
19.2 - 28.8
27
31
648
744
144
96
150
30 - 34.8
82/85
HWS1000-24
24V
19.2 - 28.8
46
58.5
1104
1404
150
96
150
30 - 34.8
85/87
HWS1500-24
24V
19.2 - 28.8
65/70 (1)
105
1560
2520
144
96
200
30 - 34.8
84/88
HWS1000-36
36V
28.8 - 43.2
30.7
39
1104
1404
150
144
200
45 - 49.7
85/88
HWS1500-36
36V
28.8 - 43.2
42/46.5 (1)
70
1512
2520
150
144
200
45 - 49.7
84/88
HWS300-48
48V
38.4 - 52.8
7
-
336
288
192
350
55.2 - 64.8
82/85
HWS600-48
48V
38.4 - 52.8
13
-
624
288
192
350
55.2 - 64.8
83/86
HWS1000-48
48V
38.4 - 52.8
23
29
1104
1404
300
192
200
38.4 - 52.8
86/88
HWS1500-48
48V
38.4 - 52.8
32
-
1536
288
192
200
55.2 - 64.8
86/90
HWS1000-60
60V
48 - 66
18.4
23.4
1104
1404
360
240
400
69 - 75
85/88
HWS1500-60
60V
48 - 66
28
42
1536
2520
360
240
400
48 - 66
86/90
Notes
(1) 100/200VAC
(2) 200-265VAC Input, 10s maximum on time with 35% duty cycle
(3) Use program input (PV) to adjust from 20-120% of nominal (20-110% for 48V models)
Suffix
Description
Blank
HWS300-1500 the cover is fitted as standard
/A
Not Applicable
HWS300-1500 the cover is fitted as standard
/PV
HWS300, 600 (Standard on HWS1000 & 1500 all output voltages):
1-6V program voltage input to adjust output 20-120%
of nominal (20-110% for 48V) (12V-48V models only for 300 & 600W):
/HD
See HWS30-1500/HD Datasheet for details. -40 to
+71(74)°C operation, conformally coated PCBs
/ME
See HWS30-1500/ME Datasheet for details.
UL60601-1, EN60601-1 medical approvals
Options
Specification Notes (See Page 1):
(1)
100/200VAC
(2)
HWS start up -20°C. (-40°C see options table)
(3)
HWS1000/1500 with 85VAC input:
See installation manual
HWS1000: -10 to +71°C.
HWS1000-5 derate linearly above 40°C
(4)
2kVAC HWS1000/1500 Input to ground
(5)
UL60601-1, EN60601-1, see options.
UL508; HWS300/600 5V, 12V, 24V & 48V models



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com