Electronic Components Datasheet Search
  English  ▼

X  

S8550 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # S8550
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

S8550 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  S8550 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. S8550 Datasheet HTML 2Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
SOT-23 Plastic-Encapsulate Transistors
S8550
TRANSISTOR (PNP)
FEATURES
Complimentary to S8050
Collector current: IC=0.5A
MARKING :
2TY
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.5
A
PC
Collector Power Dissipation
0.3
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC = -100μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =-1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -40V, IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -20V, IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -3V, IC=0
-0.1
μA
hFE(1)
VCE= -1V, IC= -50mA
120
400
DC current gain
hFE(2)
VCE= -1V, IC= -500mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE= -6V, IC= -20mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
L
H
Range
120-200
200-350


Similar Part No. - S8550

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
logo
Galaxy Semi-Conductor H...
S8550 BILIN-S8550 Datasheet
323Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S8550

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com