Electronic Components Datasheet Search
  English  ▼

X  

PD-25 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PD-25
Description  25W Dual Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PD-25 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PD-25 Datasheet HTML 1Page - RSG Electronic Components GmbH PD-25 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+12V
+12V
+5V
+5V
File Name:PD-25-SPEC 2005-10-03
Unit:mm
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
(VERTICAL)
Mechanical Specification
Output Derating
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
DC Output Connector (CN2) : Molex 41791-04 or equivalent
Pin No.
1
2,3
4
Assignment
V1
COM
V2
Mating Housing
Molex 2139
or equivalent
Terminal
Molex 2478
or equivalent
AC Input Connector (CN1) : Molex 41791-03 or equivalent
Pin No.
1
2
3
Assignment
AC/L
No Pin
AC/N
Mating Housing
Molex 2139
Molex 2478
or equivalent
or equivalent
Terminal
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
COM
I/P
FG
ING
CONTROL
200
80
4.0
60
4.2
4.4
4.6
4.8
140
100
120
180
160
5.0
5.2
260
240
220
50
100
150
200
250
300
350
Ta=25
Mounting Holes
4-3.5 Dia
To Chassis Grounding
6.35
94
107
CN1
CN2
1
2
3
4
3
2
1
Block Diagram
fosc : 100KHz
Static Characteristics (A)
25W Dual Output Switching Power Supply
PD-25 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com