Electronic Components Datasheet Search
  English  ▼

X  

PFC400 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PFC400
Description  400 WATT POWER FACTOR CORRECTED SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PFC400 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PFC400 Datasheet HTML 1Page - RSG Electronic Components GmbH PFC400 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PFC400 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(1)
Output #1 (2)(3)
Output #2 (2)(4)
Output #3 (2)(5)
Output #4
Output #5
Output
Model (1)
Vnom.
Imax.
Tol.
Vnom.
Imax. Tol.
Vnom. Imax.
Tol.
Vnom.
Imax.
Tol.
Vnom.
Imax.
Tol.
Power(6)
PFC400-50B
+5.1V
40A
2%
3.3V
20A
2%
12V
9A
3%
12V
6A
4%
5V
6A
4%
400W
PFC400-51B
+5.1V
40A
2%
3.3V
20A
2%
15V
8A
3%
15V
5A
4%
24V
4A
4%
400W
PFC400-55B
+5.1V
40A
2%
3.3V
20A
2%
12V
9A
3%
12V
6A
4%
24V
4A
4%
400W
PFC400-56B
+5.1V
40A
2%
3.3V
20A
2%
15V
8A
3%
15V
5A
4%
5V
6A
4%
400W
Notes:
(1) Each output is isolated from the others and has individual return.
(2) Output #1, #2, and #3 are built with one-wire current sharing and oring diode for redundant connections.
(3) Output #1 requires a minimum load of 5A to support other outputs at their maximum rated loads.
(4) Output #2 requires a minimum load of 1A to be in regulation.
(5) The peak current of output #3 is limited to 12A on 12V, 9.6A on 15V.
(6) Forced air cooling of 45.2 CFM minimum is required.
Suggested airflow is from the input section to the output section.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
P1 input connector is Beau Inc. P/N
72-5-03C. Screws are #6-32 on 0.375 inch
(9.53mm) centers.
4.
P4 output connector is Dinkle P/N
166-06P.
5.
P8 is for DC fan rated 12V/0.25A
6.
P8 & P9 Connector mates with Molex
housing. 22-01-1023 and Molex 40445
series crimp terminal.
7.
Main output studs P2/P3 are with M5*0.8
screws.
8.
Weight: 1.70Kgs (3.74 Lbs.) approx.
PIN CHART
P1
P4
P5
P8
P9
CONN
PIN
MODEL
1
2
3
P2
P3
1
2
3
4
5
6
1
2
1
2
1
2
LIVE NEUTRAL GROUND
OUTPUT
#1
OUTPUT
#1 RET.
OUTPUT
#5
OUTPUT
#5 RET.
OUTPUT
#4
OUTPUT
#4 RET.
OUTPUT
#3
OUTPUT
#3 RET.
OUTPUT
#2
OUTPUT
#2 ret.
FAN
(+12V)
OUTPUT#1
ret.
OUTPUT
#1 ret.
PFD
CB4 SUB-BOARD
(for output #1)
CB6 SUB-BOARD
(for output #3)
CB7 SUB-BOARD
(for output #2)
P4-1
+SENSE
P3-1
+SENSE
P3-1
+SENSE
P4-2
-SENSE
P3-2
-SENSE
P3-2
-SENSE
PFC400-50B
PFC400-51B
PFC400-55B
PFC400-56B
P4-3
CURRENT SHARE
P3-3
CURRENT SHARE
P3-3
CURRENT SHARE
1-34



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com