Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9260 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT91SAM9260
Description  AT91 ARM Thumb Microcontrollers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9260 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT91SAM9260 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 40Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 41Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 42Page - ATMEL Corporation AT91SAM9260 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
39
6221JS–ATARM–17-Jul-09
AT91SAM9260
• Support physical layer management through MDIO interface
10.4.10
Image Sensor Interface
• ITU-R BT. 601/656 8-bit mode external interface support
• Support for ITU-R BT.656-4 SAV and EAV synchronization
• Vertical and horizontal resolutions up to 2048 x 2048
• Preview Path up to 640*480
• Support for packed data formatting for YCbCr 4:2:2 formats
• Preview scaler to generate smaller size image
• Programmable frame capture rate
10.4.11
Analog-to-Digital Converter
• 4-channel ADC
• 10-bit 312K samples/sec. Successive Approximation Register ADC
• -2/+2 LSB Integral Non Linearity, -1/+1 LSB Differential Non Linearity
• Individual enable and disable of each channel
• External voltage reference for better accuracy on low voltage inputs
• Multiple trigger source – Hardware or software trigger – External trigger pin – Timer Counter
0 to 2 outputs TIOA0 to TIOA2 trigger
• Sleep Mode and conversion sequencer – Automatic wakeup on trigger and back to sleep
mode after conversions of all enabled channels
• Four analog inputs shared with digital signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com