Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91SAM9263
Description  AT91 ARM Thumb Microcontrollers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
6249HS–ATARM–27-Jul-09
AT91SAM9263 Preliminary
Embedded Trace Module - ETM
TSYNC
Trace Synchronization Signal
Output
TCLK
Trace Clock
Output
TPS0 - TPS2
Trace ARM Pipeline Status
Output
TPK0 - TPK15
Trace Packet Port
Output
Reset/Test
NRST
Microcontroller Reset
I/O
Low
Pull-up resistor
TST
Test Mode Select
Input
Pull-down resistor
BMS
Boot Mode Select
Input
Debug Unit - DBGU
DRXD
Debug Receive Data
Input
DTXD
Debug Transmit Data
Output
Advanced Interrupt Controller - AIC
IRQ0 - IRQ1
External Interrupt Inputs
Input
FIQ
Fast Interrupt Input
Input
PIO Controller - PIOA - PIOB - PIOC - PIOD - PIOE
PA0 - PA31
Parallel IO Controller A
I/O
Pulled-up input at reset
PB0 - PB31
Parallel IO Controller B
I/O
Pulled-up input at reset
PC0 - PC31
Parallel IO Controller C
I/O
Pulled-up input at reset
PD0 - PD31
Parallel IO Controller D
I/O
Pulled-up input at reset
PE0 - PE31
Parallel IO Controller E
I/O
Pulled-up input at reset
Direct Memory Access Controller - DMA
DMARQ0-DMARQ3
DMA Requests
Input
External Bus Interface - EBI0 - EBI1
EBIx_D0 - EBIx_D31
Data Bus
I/O
Pulled-up input at reset
EBIx_A0 - EBIx_A25
Address Bus
Output
0 at reset
EBIx_NWAIT
External Wait Signal
Input
Low
Static Memory Controller - SMC
EBI0_NCS0 - EBI0_NCS5,
EBI1_NCS0 - EBI1_NCS2
Chip Select Lines
Output
Low
EBIx_NWR0 -EBIx_NWR3
Write Signal
Output
Low
EBIx_NRD
Read Signal
Output
Low
EBIx_NWE
Write Enable
Output
Low
EBIx_NBS0 - EBIx_NBS3
Byte Mask Signal
Output
Low
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com